Electronic Components Datasheet Search
  English  ▼

X  

8035 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 8035
Description  Inline flowmeter or Inline batch controller, with paddle wheel
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8035 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  8035 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8035 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8035 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8035 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8035 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8035 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8035 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8035 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8035 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Visit product website 
DATA SHEET
Type 8611
eCONTROL - Universal
controller
Type 8619
multiCELL - Multi-channel
and multi-function
transmitter/controller
Type 8802
ELEMENT continuous
control valve systems -
overview
Type 8644
AirLINE SP electropneu-
matic automation system
Standard | EU | en | 2023-12-18 | 16
Inline flowmeter or Inline batch controller, with paddle
wheel
• Up to PN 16, size of measuring pipes: DN 06…DN 65
• Display for indication of flow rate and volume with two totalizers or
dosing
• Automatic calibration using Teach-In
• Inputs (with batch controller) and all outputs can be checked without
the need for actual flow
• Total and day counters for batch quantity and number of dosing,
volume or mass counter indicator (with batch controller)
The paddle wheel device Type 8035 is specially designed for use in neutral or
slightly aggressive, solid-free liquids. The device is provided as flowmeter or batch
controller.
The device is made up of a compact Inline sensor-fitting with paddle wheel
(Type S030) and a transmitter with display (Type SE35). The device is quickly and
easily assembled thanks to a bayonet mounting and locking system. The Bürkert
“Inline quarter-turn” technology ensures a leakage-free operation.
The Bürkert designed sensor-fitting system ensures simple installation of the
devices into all pipelines from DN 06…DN 65.
The flowmeter is available either as a variant with standard signal output or as a
battery-powered indicator/totaliser variant without output.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 8035
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 8035

ManufacturerPart #DatasheetDescription
logo
Sonardyne sound in dept...
8035 SONARDYNE-8035 Datasheet
104Kb / 2P
Small Seismic Transponder (SST)
logo
NTE Electronics
8035 NTE-8035 Datasheet
57Kb / 1P
Radial Lead Thermal Cutoff
logo
Heyco.
8035 HEYCO-8035 Datasheet
173Kb / 1P
Specialty Pins
logo
Chemtronics. All rights...
8035 CHEMTRONICS-8035 Datasheet
540Kb / 2P
Soder-Wick® Rosin Flux Desoldering Braid
9/18 Rev. G
logo
Festo Corporation.
8035167 FESTO-8035167 Datasheet
104Kb / 2P
Air solenoid valve
More results

Similar Description - 8035

ManufacturerPart #DatasheetDescription
logo
CUI INC
IA-MS6335 CUI-IA-MS6335 Datasheet
282Kb / 3P
AUDIO INLINE ADAPTER
logo
PHOENIX CONTACT
2727608 PHOENIX-2727608 Datasheet
90Kb / 3P
Inline connector, colored
2729622 PHOENIX-2729622 Datasheet
60Kb / 3P
Connector set, for Inline Remote Field Controller
2737083 PHOENIX-2737083 Datasheet
43Kb / 2P
Connector set for the Inline controller
logo
TT Electronics.
DS1911 TTELEC-DS1911 Datasheet
298Kb / 1P
Paddle Wheel Flow Indicator
logo
Pepperl+Fuchs Inc.
KC-LCD-24-24VDC PF-KC-LCD-24-24VDC Datasheet
824Kb / 2P
Pulse/batch controller
logo
CUI Devices
IA-MM2535 CUID-IA-MM2535 Datasheet
306Kb / 3P
AUDIO INLINE ADAPTER
10/18/2019
IA-MM6335B CUID-IA-MM6335B Datasheet
296Kb / 3P
AUDIO INLINE ADAPTER
10/18/2019
IA-MS2535 CUID-IA-MS2535 Datasheet
310Kb / 3P
AUDIO INLINE ADAPTER
10/18/2019
IA-S2S3535 CUID-IA-S2S3535 Datasheet
311Kb / 3P
AUDIO INLINE ADAPTER
10/18/2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com