| Electronic Components Datasheet Search |
|
8035 Datasheet(PDF) 2 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
8035 Datasheet(HTML) 2 Page - Christian Bürkert GmbH & Co. KG |
|
2 / 23 page ![]() Type 8035 2 | 23 Visit product website Table of contents 1. General technical data 4 1.1. About the device..............................................................................................................................................................................4 1.2. All variants........................................................................................................................................................................................4 1.3. Flowmeter ........................................................................................................................................................................................6 1.4. Batch controller................................................................................................................................................................................7 2. Product versions 8 2.1. Flowmeter ........................................................................................................................................................................................8 2.2. Batch controller................................................................................................................................................................................9 3. Approvals and conformities 9 3.1. General notes...................................................................................................................................................................................9 3.2. Conformity .......................................................................................................................................................................................9 3.3. Standards.........................................................................................................................................................................................9 3.4. Pressure Equipment Directive (PED)................................................................................................................................................9 Device used on a pipe .....................................................................................................................................................................9 3.5. North America (USA/Canada) ........................................................................................................................................................10 4. Materials 10 4.1. Bürkert resistApp ...........................................................................................................................................................................10 4.2. Material specifications ...................................................................................................................................................................11 Flowmeter ......................................................................................................................................................................................11 Batch controller..............................................................................................................................................................................12 5. Dimensions 13 5.1. Transmitter Type SE35 ...................................................................................................................................................................13 With cable plug (DIN EN 175301-803) ...........................................................................................................................................13 With M20 x 1.5 cable glands...........................................................................................................................................................13 Battery powered indicator/totalizer................................................................................................................................................14 5.2. Transmitter Type SE35 mounted in an Inline sensor-fitting Type S030..........................................................................................14 6. Performance specifications 15 6.1. Pressure temperature diagram.......................................................................................................................................................15 7. Product installation 15 7.1. Installation notes............................................................................................................................................................................15 8. Product operation 16 8.1. Measuring principle........................................................................................................................................................................16 Flowmeter:....................................................................................................................................................................................16 Batch controller:...........................................................................................................................................................................16 8.2. Functional overview .......................................................................................................................................................................17 Display and operating keys............................................................................................................................................................17 Flowmeter with a standard output signal.......................................................................................................................................18 Flowmeter as battery powered indicator/totalizer..........................................................................................................................18 Batch controller..............................................................................................................................................................................19 8.3. Function modes .............................................................................................................................................................................20 Flowmeter with standard output signal..........................................................................................................................................20 Batch controller..............................................................................................................................................................................20 9. Product design and assembly 21 9.1. Product assembly ..........................................................................................................................................................................21 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |