Electronic Components Datasheet Search
  English  ▼

X  

8022 Datasheet(PDF) 5 Page - Christian Bürkert GmbH & Co. KG

Part # 8022
Description  Inline flowmeter for continuous measurements
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8022 Datasheet(HTML) 5 Page - Christian Bürkert GmbH & Co. KG

  8022 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8022 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8022 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8022 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8022 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8022 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8022 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8022 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8022 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Type 8030
5 | 14
Visit product website 
Electrical data
Operating voltage
• Hall variant: 12…36 V DC ± 10 %, filtered and regulated
Connection to main supply: permanent, through external SELV (Safety Extra Low Voltage) and LPS
(Limited Power Source) power supply
• Hall “Low Power” variant: via the connected Bürkert transmitter
Current consumption
With sensor
• Hall variant: ≤ 30 mA
• Hall “Low Power” variant: ≤ 0.8 mA
Output
• Hall variant:
– 2 transistors, pulse output
– NPN and PNP, open collector
– max. 100 mA
– frequency: 0…300 Hz
– NPN output: 0.2…36 V DC
– PNP output: supply voltage
– duty cycle (pulse duration/period): ½ ± 10 %
• Hall “Low Power” variant:
– 1 transistor, pulse output
– NPN, open collector
– max. 10 mA
– frequency: 0…300 Hz
– duty cycle (pulse duration/period): ½ ± 10 %
Medium data
Fluid temperature
With Inline sensor-fitting Type S030 in:
• PVC: 0…+ 50 °C (+ 32…+ 122 °F)
• PP: 0…+ 80 °C (+ 32…+ 176 °F)
• PVDF, stainless steel or brass: - 15…+ 100 °C (+ 5…+ 212 °F)
See data sheet Type S030  for more information.
Fluid pressure
With Inline sensor-fitting Type S030 in:
• plastic: max. PN 10
• metal: max. PN 16 (PN 40 on request)
See data sheet Type S030  for more information.
Process/Pipe connection & communication
Pipe connection
With Inline sensor-fitting Type S030 in:
• plastic: true union with nut and solvent/fusion socket, spigot or external thread
• metal: internal or external thread, weld ends, clamp or flange
See data sheet Type S030  for more information.
Environment and installation
Ambient temperature
Operation and storage: - 15…+ 60 °C (+ 5…+ 140 °F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com