Electronic Components Datasheet Search
  English  ▼

X  

8022 Datasheet(PDF) 6 Page - Christian Bürkert GmbH & Co. KG

Part # 8022
Description  Inline flowmeter for continuous measurements
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8022 Datasheet(HTML) 6 Page - Christian Bürkert GmbH & Co. KG

Back Button 8022 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8022 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8022 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8022 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8022 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8022 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8022 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8022 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8022 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Type 8030
6 | 14
Visit product website 
1.4. Flowmeter with coil transducer for high temperature (variant 8030‑HT)
Note:
If the device is mounted in a humid environment or outside, then the maximum voltage allowed is 35 V DC instead of 36 V DC.
Product properties
Material
Non wetted parts
Cover (male fixed plug)
PPS, glass fibre reinforced
Housing
PPS, glass fibre reinforced
Bayonet system
PPS, glass fibre reinforced
Female cable plug
Cable gland seal in NBR and flat seal in silicone
Wetted parts
Sensor armature
Stainless steel
Bearing
Iglidur®
Paddle wheel
Stainless steel (316L - 1.4404)
Sensor-fitting body
Stainless steel
Measuring range
• Flow rate: 0.85…1000 l/min (0.22…265 gpm)
• Flow velocity: 0.5…10 m/s
Electrical data
Power supply
12…36 V DC ± 10 %, filtered and regulated
Connection to main supply: permanent, through external SELV (Safety Extra Low Voltage) and LPS
(Limited Power Source) power supply
Current consumption
≤ 10 mA (no load)
Output
• 2 transistors, pulse output
• NPN and PNP, open collector
• Max. 700 mA
• Frequency: 0…250 Hz
• NPN output: 0.2…30 V DC
• PNP output: supply voltage
• Duty cycle (pulse duration/period): ½ ± 10 %
• Protected against overvoltage, polarity reversals and short circuit
Medium data
Fluid temperature
- 15…+ 125 °C (+ 5…+ 257 °F)
Fluid pressure
• Max. PN 40 for - 15…+ 90 °C temperature range
• Max. PN 25 for + 90…+ 125 °C temperature range
Process/Pipe connection & communication
Pipe connection
With Inline sensor-fitting Type S030-HT:
Internal or external thread, weld ends (clamps or flanges on request)
Further information can be found in the data sheet of the Inline sensor-fittings variant high temperature
(Type S030-HT), see data sheet Type S030 .
Environment and installation
Ambient temperature
Operation and storage: - 15…+ 80 °C (+ 5…+ 176 °F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com