Electronic Components Datasheet Search
  English  ▼

X  

8022 Datasheet(PDF) 8 Page - Christian Bürkert GmbH & Co. KG

Part # 8022
Description  Inline flowmeter for continuous measurements
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8022 Datasheet(HTML) 8 Page - Christian Bürkert GmbH & Co. KG

Back Button 8022 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8022 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8022 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8022 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8022 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8022 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8022 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8022 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8022 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Type 8030
8 | 14
Visit product website 
4.
Materials
4.1. Bürkert resistApp
Bürkert resistApp – Chemical resistance chart
You want to ensure the reliability and durability of the materials in your individual application
case? Verify your combination of media and materials on our website or in our resistApp.
Start chemical resistance check
4.2. Material specifications
Transmitter Type SE30
Inline sensor-fitting
Type S030
Flowmeter
Type 8030
1
6
7
8
9
10
11
2
3
4
5
No. Element
Material
1
Female cable plug
(DIN EN 175301-803)
• Body, contact holder and cable gland in PA
• Cable gland seal in NBR and flat seal in NBR or in silicone for variant Type 8030-HT
2
Screws
Stainless steel
3
Electrical contact
Sn
4
Cover (male fixed plug)
PC
5
Housing
• PC or
• PPS, glass fibre reinforced (for variant Type 8030-HT)
6
Screws
Stainless steel
7
Axis and bearing
• Axis in ceramics (Al
2O3)
• Bearings in:
– ceramics (Al
2O3)
– Iglidur® (for variant Type 8030-HT)
8
Paddle wheel
• PVDF
• Stainless steel (for variant Type 8030-HT)
9
Seal
FKM or EPDM (depending on the Inline sensor-fitting variant Type S030)
10 Sensor-fitting body
• Stainless steel (316L - 1.4404), brass (CuZn
39Pb2), PVC, PP, PVDF (depending on the Inline sen-
sor-fitting variant Type S030)
• Stainless steel (316L - 1.4404) (for variant Type 8030-HT)
11 Seals
FKM or EPDM (depending on the Inline sensor-fitting variant Type S030 and only for true union
connection with nut and solvent/fusion socket)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com