Electronic Components Datasheet Search
  English  ▼

X  

8022 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 8022
Description  Inline flowmeter for continuous measurements
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8022 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  8022 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8022 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8022 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8022 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8022 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8022 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8022 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8022 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8022 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Visit product website 
DATA SHEET
Type 8619
multiCELL - Multi-channel
and multi-function
transmitter/controller
Type 8025
Insertion flowmeter/batch
controller with paddle
wheel and flow transmit-
ter/remote batch control-
ler
Type 8611
eCONTROL - Universal
controller
Type 8022
Flow transmitter / Pulse
divider
Type 8801
ELEMENT on/off valve
systems with decentral-
ised automation - over-
view
Type 8802
ELEMENT continuous
control valve systems -
overview
Standard | EU | en | 2023-12-15 | 22
Inline flowmeter for continuous measurements
• Economic integration in pipe systems without any additional piping
• 3-wire frequency pulse variant to directly interface with PLC’s (PNP
and NPN)
• Connection to Bürkert devices in remote variants
• Variant HT for high temperature and pressure (max. 125 °C/max.
40 bar) available
The paddle wheel flowmeter Type 8030/8030-HT is especially designed for use
with neutral, slightly aggressive, solid free liquids.
The device is made up of a compact Inline sensor-fitting (Type S030/S030-HT) and
a transmitter (Type SE30/SE30-HT). The device is quickly and easily assembled
thanks to a bayonet mounting and locking system. The Bürkert “Inline quarter-turn”
technology ensures a leakage-free operation.
The Bürkert designed sensor-fitting system ensures simple installation of the
devices into all pipelines from DN 06…DN 65.
The device produces a frequency signal, proportional to the flow velocity, which
can be transmitted and processed by a Bürkert transmitter/controller.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 8030
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 8022

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
8022 GILWAY-8022 Datasheet
143Kb / 2P
T-1 Subminiature Lamps
logo
Filtran LTD
8022 FILTRAN-8022 Datasheet
149Kb / 1P
T1/E1 Extended Temperature Range SMD Single Transformers
logo
Belden Inc.
8022 BELDEN-8022 Datasheet
152Kb / 2P
Bus Bar Wire, #24 Sol TC
05-05-2023
logo
Heyco.
8022 HEYCO-8022 Datasheet
179Kb / 1P
Full Thickness Male Blades
logo
Belden Inc.
8022-000100 BELDEN-8022-000100 Datasheet
152Kb / 2P
Bus Bar Wire, #24 Sol TC
05-05-2023
More results

Similar Description - 8022

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CVT-DINAV5AD01X ETC2-CVT-DINAV5AD01X Datasheet
59Kb / 2P
Compact Transducer for AC Measurements
logo
Fuji Electric
EDS6-69B FUJI-EDS6-69B Datasheet
233Kb / 16P
INTEGRAL TYPE ELECTROMAGNETIC FLOWMETER
logo
Fairchild Semiconductor
FDT-21W FAIRCHILD-FDT-21W Datasheet
411Kb / 2P
Wall Mount Ultrasonic FlowMeter For Clean Liquids
logo
List of Unclassifed Man...
FHG-1000 ETC2-FHG-1000 Datasheet
383Kb / 2P
SCREW GEAR FLOWMETER For High Viscosity Liquids
logo
TT Electronics.
DS3921 TTELEC-DS3921 Datasheet
327Kb / 1P
PG/PGU Flowmeter Accessories
logo
Maxim Integrated Produc...
MAX77839WEVKIT MAXIM-MAX77839WEVKIT Datasheet
853Kb / 10P
Sense Points for High-Accuracy Measurements
Rev 0; 12/20
MAX77324EVKIT MAXIM-MAX77324EVKIT Datasheet
880Kb / 7P
Sense Points for High-Accuracy Measurements
Rev 0; 5/18
logo
Coolgear Inc.
CG-31G1EA4K COOLGEAR-CG-31G1EA4K Datasheet
252Kb / 3P
Basic Measurements Port Measurements
7/30/2021
CG-USB30ISO COOLGEAR-CG-USB30ISO Datasheet
257Kb / 3P
Basic Measurements Port Measurements
4/5/2021
logo
Endress+Hauser Group Se...
BA01697D EH-BA01697D Datasheet
2Mb / 64P
Electromagnetic flowmeter
2022-06-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com