Electronic Components Datasheet Search
  English  ▼

X  

8763 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 8763
Description  Pressure controller for precise time-pressure dosing
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8763 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  8763 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Type 8763
3 | 13
Visit product website 
1.
General technical data
Product properties
Dimensions
Detailed information can be found in chapter “3. Dimensions” on page 5.
Performance data
Gas control volume
30…3000 ml (adjustable from 2 ml)
Supply pressure p
1
0.2…3 bar / 2.9…43.5 Psi (supply pressure > target pressure) variants up to 2 bar control
pressure
0.5…6 bar / 7.3…87.0 Psi (supply pressure > target pressure) variants up to 5 bar control
pressure
Control range/Control accuracy in
steady state
0.006…0.35 bar / 0.087…5.08 Psi (± 1.225 mbar / 0.0178 Psi)1.)
0.02…1.0 bar / 0.29…14.5 Psi (± 3.5 mbar / 0.051 Psi)1.)
0.04…2.0 bar / 0.58…29 Psi (± 7 mbar / 0.10 Psi)1.)
0.2…5.0 bar / 2.9…72.5 Psi ( ± 25 mbar / 0.363 Psi)1.)
Reproducibility + control accuracy
according to Bürkert standard
measuring setup2.)
< ± 0.35 % FS 0.35 to 2 bar variants
< ± 0.75 % FS 5 bar variants
Temperature compensation
Yes
Reaction time
< 25 ms (sensor captures + adjustment of the control valve)
Target pressure change 0…1 bar (0…14.5 Psi): 600 ms typical (supply pressure 3 bar
(43.5 Psi) at 30 ml)
Electrical data
Operating voltage
18…35 V DC
Power consumption (max.)
< 6 W (typically 2.4 W with connected additional loads < 12 W)
Connections
See “3. Dimensions” on page 5
Medium data
Medium
Air
Non-flammable, neutral gases (nitrogen, argon); oil-free
Medium temperature
+ 15…+ 40 °C
Process/Port connection & communication
Input
G ⅛ or flange
Output controlled
UNF ¼" - 28 or flange
Output switched (pressure relief)
Ventilation hole or flange
Approvals and certificates
Protection class
IP20
Certified materials
On request
Environment and installation
Ambient temperature
+ 15…+ 40 °C (for high control quality)
Extension on request
Filter
36 μm input filter
1.) In steady state means constant flow of medium
2.) 30 ml volume



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com