Electronic Components Datasheet Search
  English  ▼

X  

8763 Datasheet(PDF) 11 Page - Christian Bürkert GmbH & Co. KG

Part # 8763
Description  Pressure controller for precise time-pressure dosing
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8763 Datasheet(HTML) 11 Page - Christian Bürkert GmbH & Co. KG

Back Button 8763 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Type 8763
11 | 13
Visit product website 
How to determine the required flow rate (example)
Nominal size control valve 0.3 mm1.)
Calculation
0.000
0.500
1.000
1.500
2.000
2.500
3.000
3.500
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
p2/p1
3 bar
2.5 bar
2 bar
1.5 bar
1 bar
0.5 bar
Ratio
0.15
0.88 l/min
Sizing of the pressure regulator
Below are some notes on sizing the supply pressure
and target pressure to a desired dosing rate. It should
be noted that real pressures must be higher because
the calculation cannot consider the individual friction
loss of the lines in the application.
Step #1 | Calculating the flow rate
Example application with a dosing shot of 15 ms
and 220 µl volume
(220 µl / 15 ms) x 1000
= 14666 µl/s x 60
= 880000 µl/min
= 0.88 l/min flow rate
Step #2 | Ratio target pressure / supply pressure
DN 0.1 is too small
DN 0.3 mm minimum required
Note: A low target pressure (300…500 mbar) has a
beneficial effect on the dosing accuracy.
Step #3 | Determine supply pressure p1
1.) p2 = target pressure; p1 = supply pressure
6.
Ordering information
6.1. Bürkert eShop – Easy ordering and quick delivery
Bürkert eShop – Easy ordering and fast delivery
You want to find your desired Bürkert product or spare part quickly and order directly?
Our online shop is available for you 24/7. Sign up and enjoy all the benefits.
Order online now
6.2. Bürkert product filter
Bürkert product filter – Get quickly to the right product
You want to select products comfortably based on your technical requirements?
Use the Bürkert product filter and find suitable articles for your application quickly and
easily.
Try out our product filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com