Electronic Components Datasheet Search
  English  ▼

X  

8763 Datasheet(PDF) 8 Page - Christian Bürkert GmbH & Co. KG

Part # 8763
Description  Pressure controller for precise time-pressure dosing
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8763 Datasheet(HTML) 8 Page - Christian Bürkert GmbH & Co. KG

Back Button 8763 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Type 8763
8 | 13
Visit product website 
5.
Performance specifications
5.1. Dosing examples
General structure
Behälter
Tank
Versorgungsdruck
Trägergas
(z.B. Luft)
Flüssigkeit
Dosierventil
Typ
Type 8763
Supply pressure
Dosing valve
Container
Carrier gas
(e.g. air)
Liquid
Dosing example for dosing time 50 ms
Type 8763 (Article no.: 318290)
Parameter
Value
Supply pressure
2 bar (29 Psi)
Container air volume
50 ml
Dosing valve
Article no.: 273203
Dosing time/valve switching time
50 ms
Dosing medium
Water
Length of tank hose
500 mm
Cross-section of tank hose
2.36 mm
Hose length of tank dosing valve
350 + 200 mm
Hose cross-section of tank dosing valve
1.58 mm
Target pressure
138 mbar (2 Psi)
Dead band
0.05 %
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0
1
Time [ms]
Dosing valve on
Deviation from set pressure (mbar)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com