Electronic Components Datasheet Search
  English  ▼

X  

8763 Datasheet(PDF) 10 Page - Christian Bürkert GmbH & Co. KG

Part # 8763
Description  Pressure controller for precise time-pressure dosing
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8763 Datasheet(HTML) 10 Page - Christian Bürkert GmbH & Co. KG

Back Button 8763 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Type 8763
10 | 13
Visit product website 
5.2. Flow characteristic
Flow rate of versions with pressure ratio “target pressure to supply pressure”
Note:
How to determine the required flow rate (example) see following page.
Nominal size control valve 0.1 mm1.)
0.000
0.050
0.100
0.150
0.200
0.250
0.300
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1.0
p2/p1
3 bar
2.5 bar
2 bar
1.5 bar
1 bar
0.5 bar
1.) p2 = target pressure; p1 = supply pressure
Nominal size control valve 0.3 mm1.)
0.000
0.500
1.000
1.500
2.000
2.500
3.000
3.500
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
p2/p1
3 bar
2.5 bar
2 bar
1.5 bar
1 bar
0.5 bar
1.) p2 = target pressure; p1 = supply pressure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com