Electronic Components Datasheet Search
  English  ▼

X  

8644 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 8644
Description  Vibrating level switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8644 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  8644 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Type 8110
4 | 11
Visit product website 
1.3. Vibrating level switch with PNP transistor output
Electrical data
Operating voltage
9.6…35 V DC
Protection class according to
IEC 61010-1
II
Voltage loss
Max. 3 V DC
Switching voltage
Max. 34 V DC
Load current
Max. 250 mA (output, permanently short-circuit proof)
Blocking current
< 10 μA
Process/Pipe connection & communication
Electrical connection
Cable plug acc. to EN 175301-803 or M12 × 1 male connector
Environment and installation
Degree of protection according
to IEC/EN 60529
• IP65 with cable plug EN 175301-803 mounted and tightened
• IP66/IP67 with M12 × 1 female connector mounted
1.4. Vibrating level switch with contactless electronic switch output
Electrical data
Operating voltage
• 20…253 V AC, 50/60 Hz
• 20…253 V DC
Protection class according to
IEC 61010-1
I
Load current
• Min. 10 mA
• Max. 250 mA
Process/Pipe connection & communication
Electrical connection
M12 × 1 male connector
Environment and installation
Degree of protection according
to IEC/EN 60529
IP66/IP67 with M12 × 1 female connector mounted
1.5. Vibrating level switch with IO-Link output
Electrical data
Operating voltage (V+)
9.6…35 V DC
Protection class according to
IEC 61010-1
II
Max. resistive load
R
A ≤ 0.5 kΩ
Switching voltage
≥ operating voltage (V+) - 2.7 V CC
Switching current
• With IO-Link: communication (C)-Switching output 1 (Q1) noted C/Q1: 100 mA
• Switching output 2 (Q2): 250 mA
Power consumption
Max. 0.5 W
Connection cable
3-wire unshielded cable, max. 20 m
Process/Pipe connection & communication
Electrical connection
M12 × 1 male connector
Digital communication: IO-Link
Communication interface
IO-Link device V1.1, downward compatible to V1.0
Baud rate (data transfer rate)
COM 3 (230.4 kBaud)
Cycle time
Min. 2 ms
IO device description (IODD)
Depending on the ordered measurement range
See “Device Description Files” on our website under the “User Manuals” heading for Type 8110  or
available at https://ioddfinder.io-link.com
Environment and installation
Degree of protection according
to IEC/EN 60529
IP66/IP67 with M12 × 1 female connector mounted



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com