Electronic Components Datasheet Search
  English  ▼

X  

8644 Datasheet(PDF) 10 Page - Christian Bürkert GmbH & Co. KG

Part # 8644
Description  Vibrating level switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8644 Datasheet(HTML) 10 Page - Christian Bürkert GmbH & Co. KG

Back Button 8644 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Type 8110
10 | 11
Visit product website 
8.
Ordering information
8.1. eShop
Bürkert eShop – Easy ordering and quick delivery
You want to find your desired Bürkert product or spare part quickly and order directly? Our
online shop is available for you 24/7. Sign up and enjoy all the benefits.
Order online now
8.2. Bürkert product filter
Bürkert product filter – Get quickly to the right product
You want to select products comfortably based on your technical requirements?
Use the Bürkert product filter and find suitable articles for your application quickly and easily.
Try out our product filter
8.3. Ordering chart
Output
Operating voltage
Process connection
Electrical connection
Article no.
Transistor PNP
9.6…35 V DC
G ½"
Cable plug EN 175301-803
563554 
Multipin male connector
M12 × 1
563474 
NPT ½"
Cable plug EN 175301-803
563556 
Multipin male connector
M12 × 1
563555 
G ¾"
Cable plug EN 175301-803
555291 
Multipin male connector
M12 × 1
555290 
NPT ¾"
Cable plug EN 175301-803
560986 
Multipin male connector
M12 × 1
557154 
G 1"
Cable plug EN 175301-803
555293 
Multipin male connector
M12 × 1
555292 
NPT 1"
Multipin male connector
M12 × 1
557155 
Clamp 2"
Multipin male connector
M12 × 1
555294 
Contactless electronic switching
output (not with PLC)
20…253 V AC,
50/60 Hz or
20…253 V DC
G ¾"
Cable plug EN 175301-803
555296 
G 1"
555298 
IO-Link
9.6…35 V DC
G ¾"
Multipin male connector
M12 × 1
572025 
NPT ¾"
572026 
Clamp 1"
572027 
Clamp 2"
572028 



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com