Electronic Components Datasheet Search
  English  ▼

X  

8644 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 8644
Description  Vibrating level switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8644 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  8644 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Visit product website 
DATA SHEET
Type 2030
Pneumatically operated
2/2-way diaphragm valve
CLASSIC with plastic
valve body
Type 8644
AirLINE SP electropneu-
matic automation system
Type 2301
Pneumatically operated
2-way Globe Control
Valve
Type 8619
multiCELL - Multi-channel
and multi-function
transmitter/controller
Standard | EU | en | 2023-12-18 | 14
Vibrating level switch
• For universal applications such as limit level detection or run-dry
protection
• Installation without adjustment
• Minimal installation dimensions
• Available in IO-Link variant
The device Type 8110 is a filling level switch for liquids, using a tuning fork as the
sensor element.
It is designed for industrial use in all areas of process technology and can be used
in liquids. Typical applications are overflow or run-dry protection.
The small tuning fork (40 mm in length) can be used in vessels, tanks and pipes.
Due to the simple and robust measuring system, the Type 8110 is virtually unaf-
fected by the chemical and physical features of the liquid. It works even under
unfavourable measurement conditions such as turbulence, air bubbles, foam gen-
eration (not suitable for measuring the foam thickness itself), adhesions, strong
external vibrations or varying filling materials.
The digital interface IO-Link allows bidirectional data transfer with any IO-Link
Master. Data access is provided by using the available standardised IODD. IO-Link
corresponds to specification version 1.0.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 8110
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 8644

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8644 ETC2-8644 Datasheet
367Kb / 1P
LEVER ACTION PC CARD EJECTORS
logo
Christian Bürkert GmbH ...
8644 BURKERT-8644 Datasheet
1Mb / 20P
Inline positive displacement (PD) flowmeter or Inline batch controller
18.12.2023
8644 BURKERT-8644 Datasheet
1Mb / 39P
Insertion flowmeter/batch controller with paddle wheel and flow transmitter/remote batch controller
12.01.2024
8644 BURKERT-8644 Datasheet
1Mb / 13P
Insertion flowmeter with paddle wheel, ELEMENT design
11.12.2023
8644 BURKERT-8644 Datasheet
823Kb / 15P
Flowmeter/Threshold detector with paddle wheel
15.12.2023
More results

Similar Description - 8644

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
ENC-03R MURATA-ENC-03R Datasheet
83Kb / 4P
Piezoelectric Vibrating Gyroscopes
logo
List of Unclassifed Man...
LS-541 ETC2-LS-541 Datasheet
93Kb / 2P
Liquid level float switch
logo
Vishay Siliconix
SI3865BDV VISHAY-SI3865BDV Datasheet
89Kb / 6P
Load Switch with Level-Shift
14-Jun-04
logo
Magnetrol International...
B40-1F30-R1M MAGNETROL-B40-1F30-R1M Datasheet
293Kb / 8P
B40 Liquid Level Switch
T10-5104-020 MAGNETROL-T10-5104-020 Datasheet
180Kb / 4P
T10 Float Level Switch
V1H-D1B0-001 MAGNETROL-V1H-D1B0-001 Datasheet
169Kb / 4P
Solitel짰 Vibrating Rod Level Switch
V1H-D1B0-025 MAGNETROL-V1H-D1B0-025 Datasheet
281Kb / 12P
Solitel Vibrating Rod Level Switch
logo
Omron Electronics LLC
61F-GP-NX OMRON-61F-GP-NX Datasheet
1Mb / 15P
Floatless Level Switch
logo
Analog Technologies, In...
ALLCS500MA45-21 ANALOGTECHNOLOGIES-ALLCS500MA45-21 Datasheet
226Kb / 4P
Liquid Level Control Switch
3/18/2021
logo
Murata Manufacturing Co...
ENV-05G MURATA1-ENV-05G Datasheet
165Kb / 6P
PIEZOELECTRIC VIBRATING GYROSCOPE ENV-05D SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com