Electronic Components Datasheet Search
  English  ▼

X  

8644 Datasheet(PDF) 9 Page - Christian Bürkert GmbH & Co. KG

Part # 8644
Description  Vibrating level switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8644 Datasheet(HTML) 9 Page - Christian Bürkert GmbH & Co. KG

Back Button 8644 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Type 8110
9 | 11
Visit product website 
6.
Product installation
6.1. Installation notes
Note:
• Inflowing material:
If the Type 8110 vibrating level switch is mounted in the filling stream, unwanted switching signals can be generated. Mount the switch at
a location in the vessel where no disturbing influence from e.g. filling openings, agitators, etc, can occur.
• Flow:
If there is movement within the product, the tuning fork of the switch should be mounted in such a way that the surfaces of the fork are
parallel to the product movement.
The Type 8110 vibrating level switch can be installed in any position. The instrument only has to be mounted in such a way that the tuning
fork is at the height of the desired switching point.
The switching point refers to the medium water (1 g/cm³/0.036 lbs/ in³). Please keep in mind that the switching point of the instrument shifts
when the medium has a different density than water.
Vertical installation
Horizontal installation
Switching point
with lower density
Switching point
with higher density
Switching point
approx. 11 mm
Switching point
approx. 34 mm
Switching point
Switching point
Marking with
screwed version on top
Recommended mounting position, particularly for
adhesive products
7.
Product operation
7.1. Measuring principle
The tuning fork is piezoelectrically energised and vibrates at a mechanical resonance frequency of approx. 1100 Hz. When the tuning fork is
submerged in the product, the frequency changes. This change is detected by the integrated oscillator and converted into a switching
command.
The integrated fault monitor detects the following faults:
• Interruption of the connection cable to the piezoelectric elements
• Extreme material wear on the tuning fork
• Breakage of the tuning fork
• Absence of vibration.
If one of these faults is detected or in case the power supply fails, the electronic system switches to a defined switching state, e.g. the relay
de-energises (safe state).



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com