Electronic Components Datasheet Search
  English  ▼

X  

8201 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 8201
Description  pH measuring system for hygienic applica-tions
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8201 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  8201 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8201 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8201 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8201 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8201 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8201 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8201 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8201 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8201 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Type 8201
3 | 15
Visit product website 
1.
General Technical Data
The complete measuring system consists of the pH probe, an adaptation set, a fitting, the reservoir with hose for the electrolyte solu-
tion, the electrolyte solution and the electric cable for connecting to a suitable transmitter.
The pH probe Type 8201 is supplied without adaptation. According to the chosen fitting/armature the appropriate adaptation set has
to be selected. Different hygienic fittings (Type 8201) or for general purpose applications pH armatures of Type 8200 can be selected.
See data sheet Type 8200  for more information.
Product properties
Material
Please make sure the device materials are compatible with the fluid you are using.
Detailed information can be found in chapter “3.1. Chemical Resistance Chart – Bürkert resistApp” on page 5.
Wetted parts
Sensor tube
Enamelled steel tube
Diaphragm
Ceramic
Process connection
Stainless steel 1.4404
Electrode head
PVDF
Seal
EPDM
Electrolyte vessel
Stainless steel (1.4301)
Dimensions
Detailed information can be found in chapter “4. Dimensions” on page 6.
Compatibility
Any tanks or process pipelines which are fitted with
• pH armature Type 8200 or
• Fitting Type 8201 or
• Flange connection adapted for GEA Tuchenhagen VARINLINE process connection
(DN 50…DN 125) or
• Clamp 2"
See data sheet Type 8200  or chapter “4.2. Fittings Type 8201” on page 9 or
chapter “9.4. Ordering chart” on page 14 for more information.
Temperature sensor
Pt1000 integrated within the holder
Measuring variable
Absolute pH value
Reference system
• Aseptic ground (ceramic) diaphragm
• Reference electrode Ag/AgCI
• KCI electrolyte 3-molar sterile (conform to FDA)
Measuring range
0…10 pH (for up to 12 pH, see chapter “5.2. pH/temperature diagram” on page 11)
Measuring chain zero point
8.65 ± 1 pH1.)
Measuring chain isotherm point pH
0
1.0 ± 1 pH; Uis = 440 mV1.)
Product accessories
Suitable transmitter
• Multi channel and multi function multiCELL transmitter/controller Type 8619
See data sheet Type 8619 multiCELL  for more information.
• Devices with isotherm option
Performance data
Measuring deviation
Max. ± 0.05 pH, depending on calibration
Repeatability
0.05 pH
Slope of measuring chain
56…59 mV/pH1.) at 25 °C (77 °F)
Measurement chain potential
+ 600…- 400 mV
Inner resistance of measuring chain
109…1010 Ω at + 25 °C (77 °F)
Diaphragm resistance
Approx. 20…200 kΩ
Insulation resistance
≥ 1012 Ω
Inner capacity (with connection cable)
≤ 5 nF
Inner inductivity (with connection cable) Negligibly low
Thermal shock resistance
∆T = 120 °C (248 °F)
Corrosion resistance
See chapter “5.1. Sensor corrosion resistance diagram” on page 10.
Electrical data
Output signal
• pH value: analog signal, to be connected to multiCELL transmitter/controller Type
8619. See data sheet Type 8619 multiCELL  for more information.
• Pt1000: 2-wire



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com