Electronic Components Datasheet Search
  English  ▼

X  

8201 Datasheet(PDF) 10 Page - Christian Bürkert GmbH & Co. KG

Part # 8201
Description  pH measuring system for hygienic applica-tions
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8201 Datasheet(HTML) 10 Page - Christian Bürkert GmbH & Co. KG

Back Button 8201 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8201 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8201 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8201 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8201 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8201 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8201 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8201 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8201 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Type 8201
10 | 15
Visit product website 
4.3. Electrolyte vessel
Note:
• Dimensions in mm
• With built-in electrolyte supply bottle
60
20
2
104
104
1.) The electrolyte level sensor is installed on the flexible tube
that connects the electrolyte tank to the pH sensor,
as close as possible to the electrolyte tank outlet
Electrolyte vessel without level switch
Electrolyte vessel with mounted level switch
(option)
5.
Performance specifications
5.1. Sensor corrosion resistance diagram
Note:
A corrosive attack of under 0.1 mm/year is deemed resistant.
0.1
pH value
Resistant
0
2
4
6
8
10
12
20
40
60
80
100
120
140
160
Not resistant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com