Electronic Components Datasheet Search
  English  ▼

X  

8201 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 8201
Description  pH measuring system for hygienic applica-tions
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8201 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  8201 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8201 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8201 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8201 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8201 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8201 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8201 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8201 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8201 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Type 8201
4 | 15
Visit product website 
Medium data
Fluid temperature
0…+ 140 °C (+ 32…+ 284 °F), see chapter “5.2. pH/temperature diagram” on page 11.
Fluid pressure
- 1…+ 6 bar rel. (- 14…+ 87 PSI)
Fluid conductivity
Min. 1 µS/cm
Process/Port connection & communication
Process connection
Through adaptation sets for
• pH armature Type 8200 in stainless steel or
• Hygienic fittings Type 8201
– Weld connection DN 25 (Ingold welding nozzle)
– Weld connection DN 30, other on request
– Stainless steel connecting pieces 1.4404 or
• Flange connection adapted for GEA Tuchenhagen VARINLINE process connection
(DN 50…DN 125) or
• Clamp 2"
See data sheet Type 8200  or chapter “4.1. pH probe enamel” on page 6 or chap-
ter “9.4. Ordering chart” on page 14 for more information.
Electrical connection
6 pin gold-plated Variopin connector
Approvals and certificates
Standards
Degree of protection according to IEC/
EN 60529
IP68
Directives
CE directives
The applied standards, which verify conformity with the EU Directives, can be found on
the EU Type Examination Certificate and/or the EU Declaration of conformity (if applicable)
Pressure equipment directives
Complying with Article 4, Paragraph 1 of 2014/68/EU directive
Detailed information on the pressure equipment directive can be found in chapter “2.3.
Pressure Equipment Directive” on page 5.
Certificates
ECR1935/2004 declaration
Environment and installation
Ambient temperature
Operation and storage: 0…+ 50 °C (+ 32…+ 122 °F)
Relative air humidity
≤ 85 %, without condensation
Height above sea level
Max. 2000 m
Operating condition
Continuous
Equipment mobility
Fixed
Application range
Indoor and outdoor (protect the device against electromagnetic interference, ultraviolet
rays and against the effects of climatic conditions)
Installation category
Category I according to UL/EN 61010-1
Pollution degree
Degree 2 according to UL/EN 61010-1
1.) For exact values see probe test report.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com