Electronic Components Datasheet Search
  English  ▼

X  

8201 Datasheet(PDF) 14 Page - Christian Bürkert GmbH & Co. KG

Part # 8201
Description  pH measuring system for hygienic applica-tions
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8201 Datasheet(HTML) 14 Page - Christian Bürkert GmbH & Co. KG

Back Button 8201 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8201 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8201 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8201 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8201 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 8201 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 8201 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 8201 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 8201 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Type 8201
14 | 15
Visit product website 
9.4. Ordering chart
Note:
All necessary parts have to be ordered separately
Description
Comment
Article no.
Probe
pH probe-enamel without adaptation
pH measuring range: 0…10 (12), medium temper-
ature: 0…+ 140 °C, pressure (relative): - 1…6 bar,
electrical connection: 6 pin gold-plated
554849 
Adaptation sets
Adaptation set for welding tab DN 25 Type 8201
Union nut G 1¼" / DN 25
554866 
Adaptation set for welding tab DN 30 Type 8201
Union nut G 1¼" / DN 30
554873 
Adaptation set PG 13.5 for pH armature Type 8200
PG 13.5 with O-ring
554862 
Adaptation set for flange connection adapted for GEA
Tuchenhagen VARINLINE process connection (DN 50…DN 125)
Flange adapted for GEA Tuchenhagen VARINLINE
process connection
558617 
Adaptation set Clamp 2" external Ø 64 mm
Clamp 2"
559744 
Electrolyte vessel
Electrolyte vessel, stainless steel
Including electrolyte hose set 5 m, compressed air
attachment, pipe/wall-mounting unit 1
554850 
Electrolyte vessel, stainless steel, with level switch
554851 
Operating liquids
Electrolyte KCI, sterilised, 1 litre plastic bottle (conform to FDA)
Electrolyte reference system
554852 
Connection cables
Connection cable for pH probe enamel, 3 m long
6 pin Variopin coupling on pH probe, flexes on
transmitter
554855 
Connection cable for pH probe enamel, 5 m long
554856 
Connection cable for pH probe enamel, 10 m long1.)
554857 
Fittings Type 8201
Welding tab DN 25, 40 mm, straight, 1.4404
DN 25/weld attachment straight
554858 
Welding tab DN 25, 40 mm, sloped, 1.4404
DN 25/weld attachment diagonal
554859 
Welding tab, DN 30, 60 mm, straight, 1.4404
DN 30/weld attachment straight
554860 
Blind plug for welding tab, DN 30, 1.44042.)
Union nut G 1¼" / DN 30
554861 
Nut for blind plug for welding tab, DN 30, 1.44042.)
G 1¼" / DN 30
554872 
1.) Only to be used in exceptional cases, please consult your Bürkert application specialist for application advice.
2.) Absolutely necessary in order to prevent warping when welding DN 30 connecting pieces.
9.5. Ordering chart accessories
Description
Comment
Article no.
Level switch
Ultrasonic detection electrolyte level switch cplg
With 5-pin M12 male fixed connector (includes a
5-meter long cable equipped with a right-angle 5-pin
M12 female plug)
561533 
Locking screw M12 × 1 cplg.
Locking screw PVDF with O-ring FKM
554887 
Maintenance sets
Inspection set for pH probe enamel
2 O-rings 10 × 2.5 mm EPDM,
2 O-rings 20 × 2.5 mm silicon,
2 O-rings 23.39 × 3.53 mm EPDM,
4 items adaptor reinforcement ring PTFE for spacer
tube
554876 
Flexible tube set
1 hose connection with shut-off,
1 hose connector with shut-off,
1 PTFE hose 4 × 1 mm, length 5 m
554883 
Cleaning
Plastic bottle with septum
For self-filling with alcohol 70 % vol.
554854 
Demineralised water
Sterile in 1 litre plastic bottle
554853 
Please use the attached application questionnaire to describe your process and send it to your Bürkert office to check the
suitability. Please complete all three pages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com