Electronic Components Datasheet Search
  English  ▼

X  

8232 Datasheet(PDF) 5 Page - Christian Bürkert GmbH & Co. KG

Part # 8232
Description  Chlorine sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8232 Datasheet(HTML) 5 Page - Christian Bürkert GmbH & Co. KG

  8232 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Type 8232
5 | 17
Visit product website 
Sensor model
Free chlorine sensor
“Trace” (zero-chlorine)
Free chlorine sensor
with 3  electrodes
Free chlorine sensor
with 2  electrodes
Total chlorine sensor
with 3  electrodes
Slope
–
Slope of these sensors can vary depending on production or application
between 65 % and 150 % of the nominal slope.
Recommendation to determinate the suitable measuring range or the suitable
sensor: concentration to be measured x factor 1.5 = measuring range of the
sensor
Example: concentration to be measured 1.6 ppm x 1.5 = 2.4
Result: recommended sensor with a measuring range of 5 ppm
Calibration
• Generate a stable
chlorine concentra-
tion in the measuring
water, use DPD-1
method
• If no chlorine in the
measuring water
is allowed, use an
external calibration
equipment and the
DPD-1 method. De-
tailed information can
be found in chapter
“9.5. Ordering chart
accessories” on
page 16
By the analytical deter-
mination DPD-1 method
(Reference value)
By the analytical deter-
mination DPD-1 method
(Reference value)
By analytical determina-
tion, DPD-4-or (DPD-1 +
DPD-3) methods
Drift
Approx. - 3 % per month,
in reference conditions
(25 °C, pH 7.2 in drinking
water)
Approx. - 1 % per month,
in reference conditions
(25 °C, pH 7.2 in drinking
water)
Approx. - 1 % per month,
in reference conditions
(25 °C, pH 7.2 in drinking
water)
Approx. - 1 % per month,
in reference conditions
(25 °C, pH 7.2 in drinking
water)
Electrical data
Operating voltage
• 9…30 V DC, filtered
and regulated (other-
wise the probe may
be damaged)
• The power supply is
galvanically isolated
inside of the sensor.
• 12…30 V DC, filtered
and regulated, R
L:
50…900 Ω
(e.g. through the
8619 multiCELL
Transmitter/Control-
ler)
• Not galvanically
isolated inside of the
sensor
• 12…30 V DC, filtered
and regulated, R
L:
50…900 Ω
(e.g. through the
8619 multiCELL
Transmitter/Control-
ler)
• Not galvanically
isolated inside of the
sensor
• 12…30 V DC, filtered
and regulated, R
L:
50…900 Ω
(e.g. through the
8619 multiCELL
Transmitter/Control-
ler)
• Not galvanically
isolated inside of the
sensor
Current consumption
Approx. 56…20 mA
Approx. 4 mA (max.
current by overloading:
30 mA)
Approx. 4 mA (max.
current by overloading:
30 mA)
Approx. 4 mA (max.
current by overloading:
30 mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com