Electronic Components Datasheet Search
  English  ▼

X  

8232 Datasheet(PDF) 16 Page - Christian Bürkert GmbH & Co. KG

Part # 8232
Description  Chlorine sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8232 Datasheet(HTML) 16 Page - Christian Bürkert GmbH & Co. KG

Back Button 8232 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Type 8232
16 | 17
Visit product website 
9.4. Ordering chart
Sensor variant
Description
Measuring range Output
Electrical
connection
Article no.
[ppm]
“Trace” (zero-
chlorine) with 3
electrodes
Measures at very low chlorine
concentrations
0.005…2
0…2000 mV
(max. 2500 mV)
5-pin M12
circular male con-
nector
572928 
With 3 electrodes Measures the concentration
of free chlorine with greatly
reduced pH dependency
0.05…20
4…20 mA
568523 
With 2 electrodes Measures the concentration of
free chlorine
0.05…20
568524 
With 3 electrodes Measures the concentration
of total chlorine with greatly
reduced pH dependency
0.05…5
569698 
With 3 electrodes Measures the concentration
of total chlorine with greatly
reduced pH dependency
0.05…20
573799 
Further versions on request
Additional
Measurement parameter (chlorine dioxide, or others)
Electrical connection
Screw terminal
9.5. Ordering chart accessories
Description
Article no.
Analytical measurement chamber Type 8200
569221 
Flow switch for analytical measurement chamber, PNP, 2 m cable (optional)
775261 
Photometer MD100, measuring range 0.01…6 ppm
566393 
DPD-1 reagent (100 Tablets)
566394 
For free chlorine sensor “Trace” (zero-chlorine) with 3 electrodes (Article no. 572928 )
Electrolyte EMST1 gel, 100 ml
566060 
Membrane cap M48.2 with intern holder (G-holder)
566057 
5-pin M12 straight circular female connector moulded on cable (2 m, shielded)
438680 
External calibration device (only needed if measuring water containing no chlorine)
565163 
For free chlorine sensor with 3 electrodes (Article no. 568523 )
Electrolyte ECS2.1 gel, 100 ml
566059 
Membrane cap M48.4E for standard water quality
568557 
Membrane cap M48.4S for sea water quality
568558 
5-pin M12 straight circular female connector moulded on cable (2 m, shielded)
438680 
For free chlorine sensor with 2 electrodes (Article no. 568524 )
Electrolyte ECL1, 100 ml
566058 
Membrane cap M20.2
566056 
5-pin M12 straight circular female connector moulded on cable (2 m, shielded)
438680 
For total chlorine sensor with 3 electrodes (Article no. 569698  and 573799 )
Electrolyte ECP1.4 gel, 100 ml
569510 
Membrane cap M48.4E for standard water quality
568557 
Membrane cap M48.4S for sea water quality
568558 
5-pin M12 straight circular female connector moulded on cable (2 m, shielded)
438680 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com