Electronic Components Datasheet Search
  English  ▼

X  

8232 Datasheet(PDF) 8 Page - Christian Bürkert GmbH & Co. KG

Part # 8232
Description  Chlorine sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8232 Datasheet(HTML) 8 Page - Christian Bürkert GmbH & Co. KG

Back Button 8232 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Type 8232
8 | 17
Visit product website 
2.
Materials
2.1. Chemical Resistance Chart – Bürkert resistApp
Bürkert resistApp – Chemical Resistance Chart
You want to ensure the reliability and durability of the materials in your individual
application case? Verify your combination of media and materials on our website or in
our resistApp.
Start Chemical Resistance Check
2.2. Material specifications
Free chlorine sensor “Trace” (zero-chlorine) with membrane cap M48.2
1
2
4
5
3
6
7
8
9
11
12
13
14
15
10
16
No. Element
Material
1
5-pin M12 circular male con-
nector
PA
2
Sensor armature
PVC-U
3
Retaining ring
PETP
4
Slide ring
PETP
5
Sealing (O-ring)
NBR
6
Counter electrode
Stainless steel 1.4571
7
Sealing (O-ring)
NBR
8
Electrode holder
PEEK
9
Reference electrode
Silver/Silver Halide
10
Working electrode
Gold
11
Vent (under hose ring)
Stainless steel 1.4571
12
Hose ring
–
13
Membrane holder
Stainless steel 1.4571, PEEK
14
Membrane
Microporous hydrophilic
15
Membrane cap
PVC-U
16
Intern holder (G-holder)
–
Free chlorine sensor with 3 electrodes with membrane cap M48.4
1
2
4
5
3
13
11
12
15
6
14
7
10
9
8
No. Element
Material
1
5-pin M12 circular male con-
nector
PA
2
Sensor armature
PVC-U
3
Retaining ring
PETP
4
Slide ring
PETP
5
Sealing (O-ring)
NBR
6
Counter electrode
Stainless steel 1.4571
7
Sealing (O-ring)
NBR
8
Electrode holder
PEEK
9
Reference electrode
Silver/Silver Halide
10
Working electrode
Gold
11
Vent (under hose ring)
–
12
Hose ring
–
13
Membrane holder
• Stainless steel 1.4571 for membrane cap M48.4E
• PEEK for membrane cap M48.4S (sea water quality)
14
Membrane
Microporous hydrophilic
15
Membrane cap
PVC-U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com