Electronic Components Datasheet Search
  English  ▼

X  

8701 Datasheet(PDF) 8 Page - Christian Bürkert GmbH & Co. KG

Part # 8701
Description  Mass Flow Meter for Gases (MFM)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8701 Datasheet(HTML) 8 Page - Christian Bürkert GmbH & Co. KG

Back Button 8701 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8701 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8701 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8701 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8701 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8701 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8701 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8701 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8701 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Type 8701
8 | 12
Visit product website 
5.
Performance specifications
5.1. Pressure loss diagram of MFMs
The diagram shows exemplarily the pressure loss characteristics when air flowing through. To determine the pressure loss of another
gas, it must first be converted to the corresponding air flow.
0
10
20
30
40
50
60
70
80
90
100
110
120
G1/4
Sub-base
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
Ql
N/min]
6.
Product operation
6.1. Measuring principle
The mass flow sensor operates according to a thermal principle which has the advantage of providing the mass flow which is inde-
pendent on pressure and temperature.
A small part of the total gas stream is diverted into a small, specifically designed bypassing channel which ensures laminar flow
conditions. The sensor element is a chip immersed into the wall of this flow channel. The chip, produced in MEMS technology,
contains a heating resistor and two temperature sensors (thermopiles) which are arranged symmetrically upstream and downstream
of the heater. The differential voltage of the thermopiles is a measure of the mass flow rate passing the flow sensor. The calibration
procedure effectuates a unique assignment of the sensor signal to the total flow rate through the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com