Electronic Components Datasheet Search
  English  ▼

X  

8701 Datasheet(PDF) 10 Page - Christian Bürkert GmbH & Co. KG

Part # 8701
Description  Mass Flow Meter for Gases (MFM)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8701 Datasheet(HTML) 10 Page - Christian Bürkert GmbH & Co. KG

Back Button 8701 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8701 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8701 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8701 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8701 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8701 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8701 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8701 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8701 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Type 8701
10 | 12
Visit product website 
7.3. Bürkert product filter
Bürkert product filter – Get quickly to the right product
You want to select products comfortably based on your technical requirements?
Use the Bürkert product filter and find suitable articles for your application quickly and
easily.
Try out our product filter
7.4. Ordering chart accessories
Note:
The adapters serve mainly for initial operation or diagnosis. Those are not obligatory for continuous operation.
Description
Article no.
Connections/Cables
Socket D-Sub 15 pin solder connection
918274 
Hood for D-Sub socket, with screw locking
918408 
Socket D-Sub 15 pin with 5 m cable
787737 
Socket D-Sub 15 pin with 10 m cable
787738 
Adapters
RS232 adapter
654748 
PC extension cable for RS232 9 pin socket/plug 2 m
917039 
RS422 adapter (RS485 compatible)
666371 
USB adapter (Version 1.1, USB socket type B)
670639 
USB connection cable 2 m
772299 
Communication software Mass Flow Communicator
LINK 
Accessories for Fieldbus
PROFIBUS-DP (B-coded)
Plug M121.)
918198 
Socket M12 (coupling)1.)
918447 
Y-junction1.)
902098 
Termination resistor
902553 
GSD-File (PROFIBUS), EDS-File (CANopen)
LINK 
CANopen (A-coded)
Plug M121.)
917115 
Socket M12 (coupling)1.)
917116 
Y-junction1.)
788643 
Termination resistor
On request
GSD-File (PROFIBUS), EDS-File (CANopen)
LINK 
1.) The adapters serve mainly for initial operation or diagnosis. Those are not obligatory for continuous operation.
2.) The M12 single connectors as listed here are not suitable for their simultaneous use with the Y-piece for reasons of space. Please always use at least one commercially
available overmoulded cable whose connector is usually smaller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com