Electronic Components Datasheet Search
  English  ▼

X  

8701 Datasheet(PDF) 9 Page - Christian Bürkert GmbH & Co. KG

Part # 8701
Description  Mass Flow Meter for Gases (MFM)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8701 Datasheet(HTML) 9 Page - Christian Bürkert GmbH & Co. KG

Back Button 8701 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8701 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8701 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8701 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8701 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8701 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8701 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8701 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8701 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Type 8701
9 | 12
Visit product website 
6.2. Flow characteristic
Nominal flow range of typical gases
Note:
• Q(Gas) = f x Q(N
2)
• When using the gas factors, measurement errors may occur that are outside the data sheet specification. For applications
requiring high accuracy, calibration under field conditions is recommended.
• Furthermore, the media compatibility of the sealing materials of the MFM should be checked before use with another gas.
Gas
Min. Q
Nom
Max. Q
Nom
[l
N/min]
[l
N/min]
Argon
0.01
80
Helium
0.01
500
Carbon dioxide
0.02
40
Air
0.01
80
Methane
0.01
80
Oxygen
0.01
80
Nitrogen
0.01
80
Hydrogen
0.01
500
7.
Ordering information
7.1. Bürkert eShop – Easy ordering and quick delivery
Bürkert eShop – Easy ordering and fast delivery
You want to find your desired Bürkert product or spare part quickly and order directly?
Our online shop is available for you 24/7. Sign up and enjoy all the benefits.
Order online now
7.2. Recommendation regarding product selection
Note:
The „Product Enquiry Form“ at the end of this document contains the relevant fluid specification. Using the experience of Bürkert
engineers already in the design phase provide us with a copy of the request containing the necessary data together with your inquiry
or order.
For the proper choice of the actuator orifice within the MFM, not only the required maximum flow rate Q
Nom, but also the pressure val-
ues directly before and after the MFM (p
1, p2) at this flow rate QNom should be known. In general, these pressures are not the same as
the overall inlet and outlet pressures of the whole plant, because usually there are additional flow resistors (tubing, additional shut-off
valves, nozzles etc.) present both before and after the controller.
Please use the „Product Enquiry Form“ at the end of this document to indicate the pressures directly before and after the MFM. If
these are unknown or not accessible to a measurement, estimates are to be made by taking into account the approximate pressure
drops over the flow resistors before and after the MFM, respectively, at a flow rate of Q
Nom. In addition, please quote the maximum in-
let pressure p
1 max. to be encountered. This data is needed to make sure the actuator is able to provide a close-tight function within
all the specified modes of operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com