Electronic Components Datasheet Search
  English  ▼

X  

8701 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 8701
Description  Mass Flow Meter for Gases (MFM)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8701 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  8701 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8701 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8701 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8701 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8701 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8701 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8701 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8701 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8701 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Visit product website 
DATA SHEET
Type 8611
eCONTROL - Universal
controller
Type 0330
Direct-acting 2/2 or
3/2 way pivoted arma-
ture valve
Type 8619
multiCELL - Multi-chan-
nel and multi-function
transmitter/controller
Type 6027
Direct-acting 2/2 way
plunger valve
1000019862 | Standard | EU | en | 202103 | 12
Mass Flow Meter for Gases (MFM)
• Nominal flow ranges from 0.010 l
N/min to 80 lN/min
• High accuracy
• Very fast response times
• Optional: Fieldbus interface
The mass flow meter (MFM) type 8701 is suited for measuring the mass flow
of gases over a big flow range. The thermal MEMS sensor is located directly
in the gas stream and therefore reaches very fast response times. Type 8701
can optionally be calibrated for two different gases; the user can switch be-
tween these two gases. As electrical interfaces both, analog standard signals
and fieldbuses are available.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 8701
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 8701

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8701 ETC2-8701 Datasheet
395Kb / 1P
CAPTIVE PANEL SCREWS
logo
Renesas Technology Corp
8701 RENESAS-8701 Datasheet
373Kb / 14P
Low Skew, ÷1, ÷2 LVCMOS/LVTTL Clock Generator
2019
logo
Keystone Electronics Co...
8701 KEYSTONE-8701 Datasheet
389Kb / 1P
PANEL SCREWS
31-07 20th
logo
Molex Electronics Ltd.
8701031 MOLEX1-8701031 Datasheet
123Kb / 3P
SPOX??Crimp Terminal 5194, 18-24 AWG, Brass, Reel
87012-1008 MOLEX9-87012-1008 Datasheet
206Kb / 5P
1.27mm (.050") Pitch SCA-2 Plug, Through Hole, Right Angle, 40 Circuits, Lead-free
More results

Similar Description - 8701

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
AWM720P1 SENSORTECHNICS-AWM720P1 Datasheet
81Kb / 4P
Mass flow sensor for gases
AWM2150V SENSORTECHNICS-AWM2150V Datasheet
172Kb / 6P
Mass flow sensor for gases
AWM3150V SENSORTECHNICS-AWM3150V Datasheet
205Kb / 6P
Mass flow sensor for gases
AWM42300V SENSORTECHNICS-AWM42300V Datasheet
198Kb / 6P
Mass flow sensor for gases
AWM43300V SENSORTECHNICS-AWM43300V Datasheet
109Kb / 4P
Mass flow sensor for gases
AWM92100V SENSORTECHNICS-AWM92100V Datasheet
162Kb / 6P
Mass flow sensor for gases
FBAM030DU SENSORTECHNICS-FBAM030DU Datasheet
101Kb / 5P
Mass flow sensors for gases
FBOM030DB SENSORTECHNICS-FBOM030DB Datasheet
178Kb / 6P
Mass flow sensors for gases
FDUM200DB SENSORTECHNICS-FDUM200DB Datasheet
163Kb / 6P
Mass flow sensors for gases
FHAL200DU SENSORTECHNICS-FHAL200DU Datasheet
88Kb / 4P
Mass flow sensors for gases
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com