Electronic Components Datasheet Search
  English  ▼

X  

8743 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 8743
Description  Mass flow controller (MFC)/mass flowmeter (MFM) for gases
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8743 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  8743 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8743 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8743 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8743 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8743 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8743 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8743 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8743 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8743 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Type 8743
3 | 21
Visit product website 
1.
General technical data
Product properties
Dimensions
Further information can be found in chapter “4. Dimensions” on page 5.
Materials
Seal
FKM, EPDM and FFKM, seat seal PCTFE for valve orifices of DN0.05 and DN0.1
Housing
PC (polycarbonate)
Base block
Stainless steel 1.4404/316L
Wetted parts
MFM/MFC: stainless steel 316/1.4401, 316L /1.4404, 1.4435, PCTFE and seal material
Total weight
Variant for nominal flow rates < 20 lN/min:
• Approx. 700 g (MFM, without valve)
• Approx. 1000 g (MFC with valve
Type 2871)
Variant for nominal flow rates > 20 lN/min:
• Approx. 900 g (MFM, without valve)
• Approx. 1400 g (MFC with valve
Type 2871)
• Approx. 1500 g (MFC with valve
Type 2873)
Configuration management
Further information can be found in chapter “8.3. Configuration management for easy
device replacement” on page 20.
LED display 1.)
RGB LED according to NAMUR NE107
Performance data
Nominal flow range (Q
nom)
10 ml
N/min…100 lN/min (N2)
Maximum operating pressure
(overpressure to atmospheric pressure)
MFM: 10 bar
For MFCs, the maximum operating pressure depends on the medium and nominal valve
size
Measuring accuracy 2.)
± 0.8 % of reading ± 0.3 % FS (under calibration conditions)
Repeatability
± 0.1 % FS
Measuring span
1:20 at Q
nom < 25 mlN/min, 1:50 at Qnom > 25 mlN/min (higher on request)
Temperature coefficient
± (0.05 % FS + 0.05 % of reading)/K (deviation from gas temperature during calibration
and adjustment)
Pressure coefficient
± 0.1 % of reading/bar (deviation from operating pressure during calibration and
adjustment, referring to N
2)
Settling time (MFC)/Response time (MFM) (t
95 %)
< 2 s
Control valve (proportional valve)
Normally closed
Valve orifice
0.05…4 mm
K
VS value range
0.00006…0.32 m3/h
Electrical data
Operating voltage
24 V DC
Power consumption 3.)
1…3 W (as MFM)
Max. 3…19 W (as MFC, depending on type of proportional valve)
Residual ripple
± 2 %
Voltage tolerance
± 10 %
Electrical connection
Analogue variant
D-Sub 9 4.) or terminal block, 6-pin
Industrial Ethernet variant
2 x RJ45 (switch) 5.)
Modbus RTU variant
D-Sub 9
Medium data
Operating medium
Aggressive and neutral, pure gases (others on request)
Calibration medium
Nitrogen
Medium temperature
- 10 °C…+ 40 °C
Process/Port connection & communication
Analogue interface
4…20 mA, 0…20 mA, 0…10 V or 0…5 V
Input impedance > 20 kΩ (voltage) resp. < 300 Ω (current)
Maximum current: 10 mA (voltage output)
Maximum load: 600 Ω (current output)
Digital communication interface
EtherCAT®, EtherNet/IP, Modbus RTU, Modbus TCP, PROFINET
Port connection
NPT ¼, G ¼, compatible with VCR® ¼, compression fitting (others on request)
Approvals and conformities
Protection class
IP20
Foods and Beverages/Hygiene
Further information can be found in chapter “2.4. Foods and beverages/Hygiene” on
page 4.
Oxygen
Further information can be found in chapter “2.5. Oxygen” on page 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com