Electronic Components Datasheet Search
  English  ▼

X  

8743 Datasheet(PDF) 6 Page - Christian Bürkert GmbH & Co. KG

Part # 8743
Description  Mass flow controller (MFC)/mass flowmeter (MFM) for gases
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8743 Datasheet(HTML) 6 Page - Christian Bürkert GmbH & Co. KG

Back Button 8743 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8743 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8743 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8743 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8743 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8743 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8743 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8743 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8743 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Type 8743
6 | 21
Visit product website 
4.2. Variant with analogue signal interface and Modbus RTU
MFC with valve Type 2871 for nominal flow rates < 20 l
N/min
NPT/G ¼ variant
Note:
Dimensions in mm
28
A
0
29
52.9
95
97.7
145
120.4
2 x M4
8.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com