Electronic Components Datasheet Search
  English  ▼

X  

8743 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 8743
Description  Mass flow controller (MFC)/mass flowmeter (MFM) for gases
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8743 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  8743 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8743 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8743 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8743 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8743 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8743 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8743 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8743 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8743 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Visit product website 
DATA SHEET
Type 7011
Direct-acting 2/2-way
plunger valve
Type 6724
2/2 or 3/2-way Whisper
Valve with media separa-
tion
Standard | EU | en | 2023-12-15 | 01
Mass flow controller (MFC)/mass flowmeter (MFM) for
gases
• Nominal flow range from 0.01 IN/min to 100 IN/min (re. nitrogen)
• High accuracy in measurement and repeatability
• Suitable for aggressive gases
• User-friendly gas conversion
• Easy device exchange via configuration memory
The Type 8743 mass flow controller (MFC)/meter (MFM) is suitable for controlling
or measuring aggressive gases, gas mixtures and in the area of application for
alternating gases. A thermal capillary sensor, with sensor elements not in contact
with medium, is used for this. This also enables easy conversion to the process gas
in question. The forms in contact with medium are made of high-quality stainless
steel and FFKM as a seal material for high chemical resistance. The MFC version
achieves high control accuracy thanks to the use of Bürkert proportional valve
technology and the application-appropriate layout of the valve orifice. The MFC
can be implemented with low pressure loss as required, due to the diversity of the
available valve orifices. These MFCs and MFMs either communicate the set-point
and actual values of the flow value via an analogue interface, or other values, as
well as the set-point and actual values, that can be selected via software via an
Ethernet interface. Type 8744 represents the IP65 variant of the Type 8743 and
contains the CAN-based büS version for integration into CAN or büS networks. A
wide range of devices can easily and efficiently be integrated into the control level
in this way via an Ethernet gateway. The communication data is configured via the
Bürkert Communicator software.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 8743
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 8743

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
8743 WINCHESTER-8743 Datasheet
81Kb / 1P
Receptacle, Bulkhead Hernetic Seal
logo
Belden Inc.
8743 BELDEN-8743 Datasheet
155Kb / 2P
Electronic, 6 Pr #22 Sol TC, PVC Ins, PVC Jkt, CMG
05-05-2023
8743.0601000 BELDEN-8743.0601000 Datasheet
155Kb / 2P
Electronic, 6 Pr #22 Sol TC, PVC Ins, PVC Jkt, CMG
05-05-2023
logo
Integrated Device Techn...
874328BYI-01LF IDT-874328BYI-01LF Datasheet
370Kb / 23P
2.5V Differential Clock Divider/Buffer
874328BYI-01LFT IDT-874328BYI-01LFT Datasheet
370Kb / 23P
2.5V Differential Clock Divider/Buffer
More results

Similar Description - 8743

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
AWM720P1 SENSORTECHNICS-AWM720P1 Datasheet
81Kb / 4P
Mass flow sensor for gases
AWM2150V SENSORTECHNICS-AWM2150V Datasheet
172Kb / 6P
Mass flow sensor for gases
AWM3150V SENSORTECHNICS-AWM3150V Datasheet
205Kb / 6P
Mass flow sensor for gases
AWM42300V SENSORTECHNICS-AWM42300V Datasheet
198Kb / 6P
Mass flow sensor for gases
AWM43300V SENSORTECHNICS-AWM43300V Datasheet
109Kb / 4P
Mass flow sensor for gases
AWM92100V SENSORTECHNICS-AWM92100V Datasheet
162Kb / 6P
Mass flow sensor for gases
FBAM030DU SENSORTECHNICS-FBAM030DU Datasheet
101Kb / 5P
Mass flow sensors for gases
FBOM030DB SENSORTECHNICS-FBOM030DB Datasheet
178Kb / 6P
Mass flow sensors for gases
FDUM200DB SENSORTECHNICS-FDUM200DB Datasheet
163Kb / 6P
Mass flow sensors for gases
FHAL200DU SENSORTECHNICS-FHAL200DU Datasheet
88Kb / 4P
Mass flow sensors for gases
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com