Electronic Components Datasheet Search
  English  ▼

X  

8743 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 8743
Description  Mass flow controller (MFC)/mass flowmeter (MFM) for gases
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8743 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  8743 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8743 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8743 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8743 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8743 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8743 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8743 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8743 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8743 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Type 8743
4 | 21
Visit product website 
Environment and installation
Installation position
Horizontal or vertical 6.)
Ambient temperature
- 10 °C…+ 40 °C (higher temperatures on request)
Accessories
Software
Bürkert Communicator
Further information can be found in chapter “8.1. Bürkert Communicator software” on
page 19.
1.) For a detailed description of LED colours see operating instructions Type 8743 
2.) If the operating medium is different from the calibration medium, the actual measurement accuracy might vary from the indicated value. If the operating medium is natural gas, the
measurement accuracy depends on the composition of the natural gas, which can vary depending on the origin and season.
3.) Information in relation to the typical power consumption (at + 23 °C ambient temperature, nominal flow and 30 min closed-loop control mode). Information according to UL 61010 - 1
may vary (see operating instructions Type 8743 ).
4.) An additional digital input and a relay output are available for the analogue variant with D-Sub 9.
5.) Supply voltage via separate terminal block
6.) Calibrated in horizontal installation position, zero-point adjustment is necessary if another installation position is selected.
2.
Approvals and conformities
2.1. General notes
• The approvals and conformities listed below must be stated when making enquiries. This is the only way to ensure that the product
complies with all required specifications.
• Not all available variants can be supplied with the below mentioned approvals or conformities.
2.2. Conformity
In accordance with the Declaration of Conformity, the product is compliant with the EU Directives.
2.3. Standards
The applied standards which are used to demonstrate compliance with the EU Directives are listed in the EU-Type Examination Certificate
and/or the EU Declaration of Conformity.
2.4. Foods and beverages/Hygiene
Conformity
Description
FDA
FDA – Code of Federal Regulations (valid for variable code PL02, PL03)
All wetted materials are compliant with the Code of Federal Regulations published by the FDA (Food and Drug
Administration, USA) according to the manufacturer‘s declaration.
USP
United States Pharmacopeial Convention (USP) (valid for variable code PL04)
All wetted materials are biocompatible according to the manufacturer‘s declaration.
EC Regulation 1935/2004 of the European Parliament and of the Council (valid for variable code PL01, PL02)
All wetted materials are compliant with EC Regulation 1935/2004/EC according to the manufacturer‘s declaration.
2.5. Oxygen
Conformity
Description
Optional: Suitability for oxygen (valid for the variable code NL02)
The products are suitable for use with gaseous oxygen, according to the manufacturer‘s declaration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com