Electronic Components Datasheet Search
  English  ▼

X  

8741 Datasheet(PDF) 5 Page - Christian Bürkert GmbH & Co. KG

Part # 8741
Description  I/O module, IP20
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8741 Datasheet(HTML) 5 Page - Christian Bürkert GmbH & Co. KG

  8741 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Type ME44
5 | 11
Visit product website 
1.5. 8DO-Module (Digital output module, P activated)
Product properties
Diagnosis
Short-circuit detection
Safety
Protection against over voltage (up to at least ± 30 V)
Electrical data
Electrical version
Voltage output
Operating voltage
24 V DC +/- 10 % (via Backplane BPX3)
Conductor connection cross section
0.20…1.5 mm² / AWG 16…24
Operating mode
ON/OFF
Switching signal with configured limit in ME43
PWM (Pulse Width Modulation)
PFM (Pulse Frequency Modulation)
Running frequency
20 kHz configurable
Max. AUX current consumption
8 x 750 mA
Max. module current consumption
30 mA
Electrical isolation
For system bus on backplane, no separation between the inputs, all channels have a com-
mon reference potential



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com