Electronic Components Datasheet Search
  English  ▼

X  

8741 Datasheet(PDF) 8 Page - Christian Bürkert GmbH & Co. KG

Part # 8741
Description  I/O module, IP20
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8741 Datasheet(HTML) 8 Page - Christian Bürkert GmbH & Co. KG

Back Button 8741 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Type ME44
8 | 11
Visit product website 
3.3. Electrical assignment and circuit diagram for 8DI module
GND
DI1
24 V
GND
DI2
24 V
GND
DI3
24 V
GND
DI4
24 V
GND
DI5
24 V
GND
DI6
24 V
GND
DI7
24 V
GND
DI8
24 V
8DI
GND
DI1
24 V
GND
DI2
24 V
GND
DI3
24 V
GND
DI4
24 V
GND
DI5
24 V
GND
DI6
24 V
GND
DI7
24 V
GND
DI8
24 V
8DI
Pin assignment of ana-
logue inputs
Outer circuitry
GND
Ground
DI1-DI8
Digital input
24 V
Power supply Output 24 V
Circuit diagram:
GND
DI x
24 V
2-wire
3-wire
Mechanical
switch
3.4. Electrical assignment and circuit diagram for 8DO module
AUX-Power is used for the power supply of the DO channels. A second AUX-Power connection can be used to supply another
module.
GND
GND
24 V
24 V
GND
DO1
GND
DO2
GND
DO3
GND
DO4
GND
DO5
GND
DO6
GND
DO7
GND
DO8
8DO
Power
GND
GND
24 V
24 V
GND
DO1
GND
DO2
GND
DO3
GND
DO4
GND
DO5
GND
DO6
GND
DO7
GND
DO8
8DO
Power
Pin assignment for AUX
Power
Outer circuitry
GND
Ground
GND
Ground
24 V
AUX power supply voltage 24 V
± 10 %
24 V
AUX power supply voltage 24 V
± 10 %
GND
GND
24 V
24 V
GND
DO1
GND
DO2
GND
DO3
GND
DO4
GND
DO5
GND
DO6
GND
DO7
GND
DO8
8DO
Power
Pin assignment of digi-
tal outputs
Outer circuitry
GND
Ground
DO1-DO8
Digital output+
Circuit diagram:
GND
24 V
GND
DO1
1
ME44



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com