Electronic Components Datasheet Search
  English  ▼

X  

8741 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 8741
Description  I/O module, IP20
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8741 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  8741 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Visit product website 
DATA SHEET
Type ME43
Fieldbus gateway
Type 8741
Mass flow controller
(MFC)/mass flowmeter
(MFM) for gases
Type 8652
AirLINE - the valve
island optimised for
process automation
Type 8316
Pressure measuring
device
Type 6027
Direct-acting 2/2 way
plunger valve
Standard | EU | en | 202304 | 12
I/O module, IP20
• Configurable input and output modules for analogue and digital
signals
• Integrated diagnostic possibilities such as wire break, short circuit
detection
• Installation and disassembly without tools
• Colour-coded push-in connectors to avoid wiring errors
• Available modules: 8DI, 8DO, 4AI, 4AO
Bürkert I/O modules Type ME44 for extending the fieldbus gateway Type
ME43 are used both to capture sensor signals and to specify set-point values
or switching operations.
The analogue modules read analogue sensor signals (e.g. from pressure
transmitters) or specify analogue set-point values (e.g. for a flow controller).
The further processing of input signals, e.g. via a fieldbus to a higher field
level, or the targeted output of set-point signals is configured via the fieldbus
gateway Type (ME43).
The digital modules can be used for the feedback of switches or the output
of switching signals. Once again, a configuration in Type ME43 specifies how
these inputs and outputs are processed or controlled.
The I/O modules Type ME44 are plugged onto a so-called backplane, which
in turn is connected to the gateway Type ME43. Up to nine modules Type
ME44 can be connected via three backplanes to one gateway Type ME43.
Electronic modules Type ME43 and ME44 are part of the Bürkert EDIP (Effi-
cient Device Integration Platform) concept. They facilitate the integration of
field level devices (e.g. valves or sensors) in the higher control level. All I/Os of
the modules comply with IEC 61131-2.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type ME44
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 8741

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8741 BELDEN-8741 Datasheet
157Kb / 2P
Electronic, 2 Pr #22 Sol TC, PVC Ins, PVC Jkt, CMG
05-05-2023
logo
Christian Bürkert GmbH ...
8741 BURKERT-8741 Datasheet
4Mb / 24P
Mass flow controller (MFC)/mass flow meter (MFM) for gases
06.03.2024
8741 BURKERT-8741 Datasheet
1,009Kb / 9P
Single phase primary switched power supply
01.10.2019
logo
Belden Inc.
8741.0601000 BELDEN-8741.0601000 Datasheet
157Kb / 2P
Electronic, 2 Pr #22 Sol TC, PVC Ins, PVC Jkt, CMG
05-05-2023
8741.0605000 BELDEN-8741.0605000 Datasheet
157Kb / 2P
Electronic, 2 Pr #22 Sol TC, PVC Ins, PVC Jkt, CMG
05-05-2023
More results

Similar Description - 8741

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1315770000 WEIDMULLER-1315770000 Datasheet
342Kb / 3P
Remote I/O module, IP20, Reserve module
1334770000 WEIDMULLER-1334770000 Datasheet
632Kb / 4P
Remote I/O module, IP20, Potential distributor
1334780000 WEIDMULLER-1334780000 Datasheet
635Kb / 4P
Remote I/O module, IP20, Potential distributor
1334790000 WEIDMULLER-1334790000 Datasheet
596Kb / 4P
Remote I/O module, IP20, Potential distributor
1334800000 WEIDMULLER-1334800000 Datasheet
615Kb / 4P
Remote I/O module, IP20, Potential distributor
1334810000 WEIDMULLER-1334810000 Datasheet
591Kb / 4P
Remote I/O module, IP20, Potential distributor
1315370000 WEIDMULLER-1315370000 Datasheet
692Kb / 12P
Remote I/O module, IP20, Digital signals, Input, 8- channel
03.02.2023
1315390000 WEIDMULLER-1315390000 Datasheet
692Kb / 12P
Remote I/O module, IP20, Digital signals, Input, 16-channel
03.02.2023
2009360000 WEIDMULLER-2009360000 Datasheet
733Kb / 12P
Remote I/O module, IP20, Digital signals, Input, 4- channel
03.02.2023
2457250000 WEIDMULLER-2457250000 Datasheet
646Kb / 11P
Remote I/O module, IP20, Digital signals, Output, 4-channel
03.02.2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com