Electronic Components Datasheet Search
  English  ▼

X  

8741 Datasheet(PDF) 7 Page - Christian Bürkert GmbH & Co. KG

Part # 8741
Description  I/O module, IP20
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8741 Datasheet(HTML) 7 Page - Christian Bürkert GmbH & Co. KG

Back Button 8741 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Type ME44
7 | 11
Visit product website 
3.
Device/Process connections
3.1. Electrical assignment and circuit diagram for 4AI module
AUX-Power is used for the power supply of the AI channels. A second AUX-Power connection can be used to supply another
module.
GND
GND
24 V
24 V
GND
AI1
24 V
GND
AI2
24 V
GND
AI3
24 V
GND
AI4
24 V
4AI
GND
GND
24 V
24 V
GND
AI1
24 V
GND
AI2
24 V
GND
AI3
24 V
GND
AI4
24 V
4AI
Pin assignment for AUX
Power
Outer circuitry
GND
Ground
GND
Ground
24 V
AUX power supply voltage 24 V
± 10 %
24 V
AUX power supply voltage 24 V
± 10 %
GND
GND
24 V
24 V
GND
AI1
24 V
GND
AI2
24 V
GND
AI3
24 V
GND
AI4
24 V
4AI
Pin assignment for ana-
logue inputs
Outer circuitry
GND
Ground
AI1-AI4
Analogue input+
24 V
Supply voltage Output 24 V
Circuit diagram:
GND
AI x
24 V
2-wire
3-wire
GND
AI x
24 V
2-wire
3-wire
Internally powered (sensor is supplied via this module)
Externally powered (sensor is not supplied via module, but from another source)
3.2. Electrical assignment and circuit diagram for 4AO module
GND
AO1
GND
AO2
GND
AO3
GND
AO4
4AO
GND
AO1
GND
AO2
GND
AO3
GND
AO4
4AO
Pin assignment for ana-
logue inputs
Outer circuitry
GND
Ground
AO1-AO4
Analogue output+
Circuit diagram:
GND
AO x



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com