Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  büS Distribution Box, IP65/ IP67/ IP69k
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  8802 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Type ME66
3 | 11
Visit product website 
1.
General Technical Data
Product properties
Dimensions
Detailed information can be found in chapter “2. Dimensions” on page 4.
Weight
400 g
Material
Housing or Body
PC (Polycarbonate)
Status indicator
Indicator for power supply
Electrical data
Operating voltage
24 V DC ± 10 % - residual ripple 10 %1.)
Power consumption of module
0.73 W
Max. Input current
4 A for supply via X01 (M12, A-coded, plug), 32 A for supply via X03 (M12, L-coded, plug),
factory set to X03 (with separate power supply: Power 1 for X1-X4, Power 2 for X5-X6), for
supply via X01 instead of X03 or combination of the pole pairs of X03 (Power 1 and
Power 2), the switch under the blue cover must be switched.
Max. Output current
4 A per büS-/CANopen connection (X1-X4, X5-X8) for supply via X03,
4 A n total with supply via X01
Process/Port connection & communication
Communication interface
Connections X01 and X02, M12, A-coded
Electrical connection
Via X01 (IN) or X02 (OUT): M12, A-coded, or via X03 (IN) and X04 (OUT): M12, L-coded
(depending on switch position, see max. input current)
CANopen-/büS-Communication
(proprietary)
X01 and X02 as well as X1 to X8 for integration of the module into a CANopen/büS network
Approvals and certificates
Approval
CE
EU conformity
UKCA
UK conformity
UL
cULus Listed2.)
SPS
IEC 61131-2
WMV
61000
Environment and installation
Ambient temperature
- 20…+ 60 °C
Storage temperature
- 30…+ 80 °C
Degree of protection
IP65, IP67 and IP69k acc. to EN 60529 / IEC 60529 (with cables connected and with pro-
tective caps on unused connections)
Height above sea level
Max. 2000 m
1.) The requirements of the attached components need to be considered in the selection of the power supply as well.
2.) Available for version 1, in preparation for version 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com