Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 5 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  büS Distribution Box, IP65/ IP67/ IP69k
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 5 Page - Christian Bürkert GmbH & Co. KG

  8802 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Type ME66
5 | 11
Visit product website 
3.
Device/Process connections
3.1. Passive distributor Module Type ME66
Connection details
X1
X2
X3
X4
X5
X6
X7
X8
X01
X02
X03
X04
No.
Description
X1
M12-A, socket, büS/CANopen and 24 V DC, max. 4 A, for con-
necting a device via büS/CANopen
X2
M12-A, socket, büS/CANopen and 24 V DC, max. 4 A, for con-
necting a device via büS/CANopen
X3
M12-A, socket, büS/CANopen and 24 V DC, max. 4 A, for con-
necting a device via büS/CANopen
X4
M12-A, socket, büS/CANopen and 24 V DC, max. 4 A, for con-
necting a device via büS/CANopen
X5
M12-A, socket, büS/CANopen and 24 V DC, max. 4 A, for con-
necting a device via büS/CANopen
X6
M12-A, socket, büS/CANopen and 24 V DC, max. 4 A, for con-
necting a device via büS/CANopen
X7
M12-A, socket, büS/CANopen and 24 V DC, max. 4 A, for con-
necting a device via büS/CANopen
X8
M12-A, socket, büS/CANopen and 24 V DC, max. 4 A, for con-
necting a device via büS/CANopen
X01
M12-A, plug, büS/CANopen IN, for the büS/CANopen connec-
tion
X02
M12-A, socket, büS/CANopen OUT, for the integration of further
büS/CANopen devices
X03
M12-L, plug, Power IN, max. 32 A, for feeding the power supply
X04
M12-L, socket, Power OUT, max. 32 A, for the power supply of
further devices
Pin assignment
Note:
• The L-coded M12 connection (X03, X04) is designed for the connection of 2 power supplies, each up to max. 16 A.
• Power 1 supplies the M12 X1-X4 and Power 2 supplies the M12 X5-X8.
• Supplies are routed separately on the module or brought together, depending on the position of the switch
M12, X01 (plug) and X1 to X8 and X02 (socket),
A-coded
Pin Pin
assignment
Function
X01
5
4
1
2
3
X02
4
5
3
2
1
1
FE/CAN_
GND
Shielding
2
24 V
Power supply
3
GND
Power supply
4
CAN_H
büS communication
5
CAN_L
büS communication
M12, X03 (plug), X04 (socket), L-coded
Pin Pin
assignment
Function
X03
1
2
3
4
X04
4
3
2
1
1
24 V
Power supply Power 1
2
GND
Power supply Power 1
3
GND
Power supply Power 2
4
(24 V)
Power supply Power 2
5
FE
Shielding



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com