Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 10 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  büS Distribution Box, IP65/ IP67/ IP69k
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 10 Page - Christian Bürkert GmbH & Co. KG

Back Button 8802 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Type ME66
10 | 11
Visit product website 
7.4. Ordering chart accessories
Article
Article no.
Gateway Industrial Ethernet ME63
346845 
16x digital inputs, 16DI module (ME64) (version 2, with 8 frequency inputs)
20021994 
büS cable extension, M12, 0.1 m
772492 
büS cable extension, M12, 0.2 m
772402 
büS cable extension, M12, 0.5 m
772403 
büS cable extension, M12, 1 m
772404 
büS cable extension, M12, 3 m
772405 
M12 socket, straight (A-coded)1.)
772416 
M12 plug, straight (A-coded)1.)
772417 
M12 socket, angled (A coded)1.)
772418 
M12 plug, angled (A-coded)1.)
772419 
Y distributor
772420 
Y distributor for connecting two separately powered segments of a büS network
772421 
Terminating resistor, 120 Ohm, M12 plug
772424 
Terminating resistor, 120 Ohm, M12 socket
772425 
Power supply unit Type 1573 for DIN rail, 100…240 V AC/24 V DC, 1.25 A, NEC Class 2 (UL 1310)
772438 
Power supply unit Type 1573 for DIN rail, 100…240 V AC/24 V DC, 1 A, NEC Class 2 (UL 1310)
772361 
Power supply unit Type 1573 for DIN rail, 100…240 V AC/24 V DC, 2 A, NEC Class 2 (UL 1310)
772362 
Power supply unit Type 1573 for DIN rail, 100…240 V AC/24 V DC, 3.8 A, NEC Class 2 (UL 1310)
772898 
Power supply unit Type 1573 for DIN rail, 100…240 V AC/24 V DC, 10 A
772698 
Micro SD card
774087 
büS-Stick Set 1 (incl. cable (M12), stick with integrated terminating resistor, power supply and software)
772426 
büS-Stick Set 2 (incl. cable (M12)), stick with integrated terminating resistor
772551 
Bürkert Communicator Software
LINK 
Industrial Ethernet connection cable (RJ45 to M12 plug, D-coded)
Industrial Ethernet cable, 1 m
775050 
Industrial Ethernet cable, 2 m
775051 
Industrial Ethernet cable, 3 m
775052 
Industrial Ethernet cable, 5 m
775053 
Industrial Ethernet cable, 10 m
775054 
Industrial Ethernet cable, 15 m
775055 
Industrial Ethernet cable, 20 m
775056 
Industrial Ethernet connection cable (RJ45 to M12 plug, D-coded, angled)
Industrial Ethernet cable, 0.5 m
774826 
Industrial Ethernet cable, 1 m
774827 
Industrial Ethernet cable, 2 m
774830 
1.) For space reasons, the individual M12 connectors may not be suitable for simultaneous use on the same side of a Y distributor. In this case, please use a commercially
available moulded cable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com