Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 8 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  büS Distribution Box, IP65/ IP67/ IP69k
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 8 Page - Christian Bürkert GmbH & Co. KG

Back Button 8802 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Type ME66
8 | 11
Visit product website 
6.
Networking and combination with other Bürkert products
6.1. Example for type ME66 in combination with industrial ethernet gateway Type ME63
Note:
• Lengths of stub lines should not be longer than 5 m.
• Signal integrity measurement is recommended for star cabling of more extensive networks.
• See also cabling guide 
Connected
büS network
Ethernet IN
Power IN
Connection to passive ditrubuter
via büS
ME63 Gateway module
ME66 Passive distributer
Ethernet OUT
Power OUT
Short description of the illustrated example:
• Connection of 6 Bürkert devices via spur line to X1-X3, X5-X7 of the gateway module (left)
• Integration in büS network via X4 and X8
• The passive distributor (right) connects another 8 devices via spur lines.
• All büS devices can be reached via the Ethernet connection of the gateway module (left).
• Altogether up to 126 büS/CANopen devices can be connected to one gateway.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com