Electronic Components Datasheet Search
  English  ▼

X  

2006 Datasheet(PDF) 6 Page - Christian Bürkert GmbH & Co. KG

Part # 2006
Description  Pneumatically operated 3/2-way seat valve CLASSIC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2006 Datasheet(HTML) 6 Page - Christian Bürkert GmbH & Co. KG

Back Button 2006 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2006 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2006 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2006 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2006 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2006 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2006 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2006 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2006 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Type 2006
6 | 14
Visit product website 
3.6. Foods and beverages/Hygiene
Conformity
Description
FDA
FDA – Code of Federal Regulations (valid for the variable code PL02)
All wetted materials are compliant with the Code of Federal Regulations published by the FDA (Food and Drug
Administration, USA) according to the manufacturer‘s declaration.
EC Regulation 1935/2004 of the European Parliament and of the Council (valid for the variable code PL01,
PL02)
All wetted materials are compliant with EC Regulation 1935/2004/EC according to the manufacturer‘s declaration.
3.7. Others
Oxygen
Conformity
Description
Optional: Suitability for oxygen (valid for the variable code NL02)
The products are suitable for use with gaseous oxygen, according to the manufacturer‘s declaration.
Fuel gases
Conformity
Description
Fuel gases (valid for the variable code PO20)
The products comply with:
• Regulation (EU) 2016/426 – Appliances burning gaseous fuels and
• DVGW DIN EN 161 (Automatic shut-off valves for gas burners and gas appliances) and
• DIN EN 16678 Class D (Safety and control devices for gas burners and gas burning appliances – Automatic
shut-off valves for operating pressure of above 500 kPa up to and including 6 300 kPa)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com