Electronic Components Datasheet Search
  English  ▼

X  

2006 Datasheet(PDF) 9 Page - Christian Bürkert GmbH & Co. KG

Part # 2006
Description  Pneumatically operated 3/2-way seat valve CLASSIC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2006 Datasheet(HTML) 9 Page - Christian Bürkert GmbH & Co. KG

Back Button 2006 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2006 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2006 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2006 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2006 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2006 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2006 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2006 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2006 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Type 2006
9 | 14
Visit product website 
6.
Performance specifications
6.1. Fluidic data
Pilot pressure diagram
Note:
CF A, flow direction 3 à 2
Actuator size Ø 50 mm
Maximum control pressure 10 bar(g)
Actuator size Ø 63 mm
Maximum control pressure 10 bar(g)
Pilot pressure [bar(g)]
0
1
2 3
4
5 6
7
8
9 10
16
14
12
10
8
6
4
2
0
Nominal diameter:
DN15/20
0
1
2 3
4
5 6
7
8
9 10
16
14
12
10
8
6
4
2
0
DN15/20
DN25
Pilot pressure [bar(g)]
Nominal diameter:
Actuator size Ø 80 mm
Maximum control pressure 10 bar(g)
Actuator size Ø 125 mm
Maximum control pressure 7 bar(g)
0
1
2 3
4
5 6
7
8
9 10
16
14
12
10
8
6
4
2
0
DN32/40
Pilot pressure [bar(g)]
Nominal diameter:
DN32/40
DN50
0
1
2 3
4
5 6
7
8
9 10
16
14
12
10
8
6
4
2
0
Pilot pressure [bar(g)]
Nominal diameter:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com