Electronic Components Datasheet Search
  English  ▼

X  

2006 Datasheet(PDF) 14 Page - Christian Bürkert GmbH & Co. KG

Part # 2006
Description  Pneumatically operated 3/2-way seat valve CLASSIC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2006 Datasheet(HTML) 14 Page - Christian Bürkert GmbH & Co. KG

Back Button 2006 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2006 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2006 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2006 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2006 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2006 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2006 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2006 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 2006 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
Type 2006
14 | 14
Visit product website 
Type 8697 pneumatic position feedback unit
Note:
cULus only valid for versions without ATEX approval
End position feedback
Electrical
connection
ATEX /
IECEx
Cat.
3D/G
Zone
22/2 1.)
ATEX /
IECEx
Cat.
2D/G
Zone
21/1 2.)
ATEX/
IECEX
Cat. 2G
Zone
1 3.)
cULus
Article no.
Actuator
series
CLASSIC
Type 20xx
Induc-
tive
switch
3-wire
PNP
Induc-
tive
switch
2-wire
NAMUR
Induc-
tive
switch
2-wire
24 V DC
Micro
switch
24 V DC
Micro
switch
50…250 V
AC/DC
Feed-
back
status
LEDs
Feedback (without pilot valve)
2
–
–
–
–
Yes
Cable
gland
–
–
–
Yes
248827 
2
–
–
–
–
Yes
Cable
gland
Yes
–
–
–
255851 
2
–
–
–
–
Yes
M12
multipole
Yes
–
–
–
255858 
2
–
–
–
–
Yes
M12
multipole
–
–
–
Yes
250472 
–
2
–
–
–
Yes
Cable
gland
–
Yes
–
–
248831 
–
2
–
–
–
Yes
Cable
gland
–
–
Yes
–
255863 
–
–
2
–
–
Yes
Cable
gland
–
–
–
Yes
248826 
–
–
2
–
–
Yes
Cable
gland
Yes
–
–
–
255850 
–
–
–
2
–
–
Cable
gland
–
–
–
Yes
248833 
–
–
–
–
2
–
Cable
gland
–
–
–
Yes
248825 
1.) II 3D Ex tc IIIC T135 / II 3G Ex nA IIC T4 Gc
2.) II 2D Ex ia IIIC T135 °C IP64 / II 2G Ex ia IIC T4 Gb
3.) II 2G Ex ia IIC T4 Gb
Adapter kits
Note:
For further information, please refer to data sheet Type 8697 .
Description
Actuator size
Control function
Article no.
Adapter kit for Type 8697
Ø 50 (C) / 63 (E) / 80 (F) mm
Universal
682264 
Adapter kit for Type 8697
Ø 125 mm
Universal
682265 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com