Electronic Components Datasheet Search
  English  ▼

X  

2006 Datasheet(PDF) 12 Page - Christian Bürkert GmbH & Co. KG

Part # 2006
Description  Pneumatically operated 3/2-way seat valve CLASSIC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2006 Datasheet(HTML) 12 Page - Christian Bürkert GmbH & Co. KG

Back Button 2006 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2006 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2006 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2006 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2006 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2006 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2006 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2006 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 2006 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Type 2006
12 | 14
Visit product website 
7.4. Ordering chart threaded connection
Note:
• Port 1 closed by spring action
• Other variants are available on request
Control function
Nominal
diameter
(port
connection)
Port
con-
nection
Actuator
size Ø
K
V value
water
Pilot
pres-
sure
min.
Operating
pressure
max. up to
180 °C
Weight
Article no.
PA
actuator
PPS
actuator
1 à 2 2 à 3
1 à 2 2 à 3
2 à 1
DN
[mm]
[m3/h]
[bar(g)]
[bar(g)]
[kg]
EN ISO 228 - 1
A (CF A)
see control
functions 1.) 2.)
15
G ½
50 (D)
7
4.5
4.4
11
16
1.3
287191 
287202 
63 (E)
8
4.5
4.7
16
16
1.6
287192 
287203 
20
G ¾
50 (D)
9
6.2
4.4
11
16
1.3
287193 
287204 
63 (E)
11
5.6
4.7
16
16
1.6
287194 
287205 
25
G 1
63 (E)
17
11
4.9
10
16
2.1
287195 
287206 
32
G 1¼
80 (F)
32
21
6.0
9
16
4.3
287196 
287207 
125 (H)
35
24
3.4
14
16
8.1
287197 
287208 
40
G 1½
80 (F)
35
24
6.0
9
16
4.3
287199 
287210 
125 (H)
35
24
3.4
14
16
8.1
287200 
287211 
50
G 2
125 (H)
51
35
4.3
10
16
9.5
287201 
287212 
ANSI B 1.20.1
A (CF A)
see control
functions 1.) 2.)
15
NPT ½
50 (D)
7
4.5
4.4
11
16
1.3
292542 
292553 
15
63 (E)
8
4.5
4.7
16
16
1.6
292543 
292554 
20
NPT ¾
50 (D)
9
6.2
4.4
11
16
1.3
292544 
292555 
20
63 (E)
11
5.6
4.7
16
16
1.6
292545 
292556 
25
NPT 1
63 (E)
17
11
4.9
10
16
2.1
292546 
292557 
32
NPT 1¼ 80 (F)
32
21
6.0
9
16
4.3
292547 
292558 
32
125 (H)
35
24
3.4
14
16
8.1
292548 
292559 
40
NPT 1½ 80 (F)
35
24
6.0
9
16
4.3
292550 
292560 
40
125 (H)
35
24
3.4
14
16
8.1
292551 
292561 
50
NPT 2
125 (H)
51
35
4.3
10
16
9.5
292552 
292562 
1.) For more information, refer to the chapter “2. Control functions” on page 4.
2.) See “2.2. Pin assignment for flow modes of operation C, D, E and F” on page 4
Further versions on request
Process connection
Rc thread



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com