Electronic Components Datasheet Search
  English  ▼

X  

8640 Datasheet(PDF) 6 Page - Christian Bürkert GmbH & Co. KG

Part # 8640
Description  Pneumatically operated 2/2-way angle seat valve with stainless steel actuator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8640 Datasheet(HTML) 6 Page - Christian Bürkert GmbH & Co. KG

Back Button 8640 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Type 2060
6 | 25
Visit product website 
3.6. Foods and beverages/Hygiene
Conformity
Description
FDA
FDA – Code of Federal Regulations (valid for the variable code PL02)
All wetted materials are compliant with the Code of Federal Regulations published by the FDA (Food and Drug
Administration, USA) according to the manufacturer‘s declaration.
EC Regulation 1935/2004 of the European Parliament and of the Council (valid for the variable code PL01,
PL02)
All wetted materials are compliant with EC Regulation 1935/2004/EC according to the manufacturer‘s declaration.
4.
Materials
4.1. Bürkert resistApp
Bürkert resistApp – Chemical resistance chart
You want to ensure the reliability and durability of the materials in your individual application
case? Verify your combination of media and materials on our website or in our resistApp.
Start chemical resistance check
4.2. Material specifications
Actuator size 50 (D), 70 (M), 90 (N), 130 (P)
1
2
3
4
5
6
7
2
8
9
10
11
12
13
14
15
No.
Element
Material
1
Transparent cover
Optical position indicator Polysulfone PSU
2
Pilot air ports
Threaded bushing G ⅛"
Stainless steel 1.4404 (316L)
3
Spring support
Stainless steel 1.4308
4
Spindle extension
Stainless steel 1.4104
5
Actuator cover
Stainless steel 1.4404 (316L)
6
Piston seal
FKM
7
Actuator base (interface)
Stainless steel 1.4308
8
Spring
Stainless steel 1.4310
9
Pipe
Stainless steel 1.4401 (316)/1.4404 (316L)
10
Spindle sealing
PTFE V-Rings (filled), with spring compensation
11
Spindle
Stainless steel 1.4401 (316)/1.4404 (316L)
12
Spindle guide
PTFE (filled) for actuator size 50(D)/PEEK for
actuator size 70(M), 90(N), 130(P)
13
Swivel plate
Stainless steel 1.4401 (316)/1.4404 (316L)
14
Seat seal
PTFE, PEEK (optional), NBR (optional), FKM
(optional)
15
Valve body
Stainless steel CF3M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com