Electronic Components Datasheet Search
  English  ▼

X  

8640 Datasheet(PDF) 19 Page - Christian Bürkert GmbH & Co. KG

Part # 8640
Description  Pneumatically operated 2/2-way angle seat valve with stainless steel actuator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8640 Datasheet(HTML) 19 Page - Christian Bürkert GmbH & Co. KG

Back Button 8640 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 23Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
Type 2060
19 | 25
Visit product website 
7.
Product accessories
Electric position feedback indicator
Type 8697  Actuator size Ø 40 (C)…125 (H)
The position feedback Type 8697 is designed for integrated mounting on CLASSIC series 20XX
process valves, suiting the requirements of hygienic process environments. Mechanical or inductive
limit switches register the position of the valve.
Features
• Compact design
• LED position indicator
• Mechanical or inductive limit switches for end position registering
• Easy­to­clean clean chemically resistant housing featuring IP65/IP67, 4X Rating
• Optionally intrinsically safe variant according to IECEx
Customer benefits
• Easy and quick installation
• High level of signal reliability thanks to self­adjusting limit switches
• Minimised space requirement in the plant piping for more flexibility in plant design
Adaptation for proximity switch
Type 2XXX 
Various options for the use of inductive proximity switches are available for the CLASSIC series
actuators:
• Nipple
• Support bracket, 1­fold
• Support bracket, 2­fold
Stroke limiter
Type 2XXX 
Stroke limitations can be used to limit the minimum and maximum flow rate of the valves.
Different variants are available:
• Maximum stroke limitation
• Maximum and minimum stroke limitation with optical position indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com