Electronic Components Datasheet Search
  English  ▼

X  

8640 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 8640
Description  Pneumatically operated 2/2-way angle seat valve with stainless steel actuator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8640 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  8640 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Visit product website 
DATA SHEET
Type 8640
Modular valve island for
pneumatics
Type 8644
AirLINE SP electro­
pneumatic automation
system
Type 8697
Pneumatic control unit for
decentralised automation
of process valves
ELEMENT
Standard | EU | en | 2024 ­ 03 ­ 18 | 09
Pneumatically operated 2/2-way angle seat valve with
stainless steel actuator
• Flow optimised stainless steel body with various line connections
• Trusted components for the longest life time
• Stainless steel actuator suitable for demanding environments
• Modular accessory program with stroke limitation and position
feedback available
The pneumatically operated angle seat valve with stainless steel actuators fulfils
the demands of tough process environments. Unrivalled life time and sealing
integrity is guaranteed by the trusted self­adjusting spindle sealing. The stainless
steel actuator has been designed for tough applications. Laser welding ensures
it is both cleanable and robust. With a ducted exhaust air port, the actuator can
be operated isolated from the environment to guarantee an optimum life time and
hygiene. High flow rates are attained with the optimised stainless steel angle seat
body. As part of the Bürkert process valve range a large accessory program is
available. All wetted parts comply with the EC Directive 1935/2004, variants
with FDA conformity are available on request, also explosion proof variants are
available.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 2060
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 8640

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
8640 GILWAY-8640 Datasheet
33Kb / 1P
T-1 Subminiature Lamps
logo
List of Unclassifed Man...
8640 ETC2-8640 Datasheet
367Kb / 1P
LEVER ACTION PC CARD EJECTORS
logo
Heyco.
8640 HEYCO-8640 Datasheet
130Kb / 1P
Heyco-Flex™ Liquid Tight Conduit Fittings
logo
Christian Bürkert GmbH ...
8640 BURKERT-8640 Datasheet
6Mb / 32P
Modular valve island for pneumatics
04.10.2023
8640 BURKERT-8640 Datasheet
1,009Kb / 9P
Single phase primary switched power supply
01.10.2019
More results

Similar Description - 8640

ManufacturerPart #DatasheetDescription
logo
BELIMO AIRCONTROLS (USA...
F6100HD BELIMO-F6100HD Datasheet
1Mb / 5P
Resilient Seat, 304 Stainless Steel Disc
logo
Festo Corporation.
8060515 FESTO-8060515 Datasheet
96Kb / 2P
Angle seat valve
6/27/22
8060520 FESTO-8060520 Datasheet
95Kb / 2P
Angle seat valve
6/27/22
8060521 FESTO-8060521 Datasheet
97Kb / 2P
Angle seat valve
6/27/22
8060545 FESTO-8060545 Datasheet
96Kb / 2P
Angle seat valve
6/27/22
8111591 FESTO-8111591 Datasheet
94Kb / 2P
Angle seat valve
6/27/22
8111593 FESTO-8111593 Datasheet
95Kb / 2P
Angle seat valve
6/27/22
8111597 FESTO-8111597 Datasheet
96Kb / 2P
Angle seat valve
6/27/22
8060551 FESTO-8060551 Datasheet
96Kb / 2P
Angle seat valve
6/30/22
logo
BELIMO AIRCONTROLS (USA...
B224 BELIMO-B224 Datasheet
546Kb / 2P
2-way, Characterized Control Valve, Stainless Steel Ball and Stem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com