Electronic Components Datasheet Search
  English  ▼

X  

8640 Datasheet(PDF) 12 Page - Christian Bürkert GmbH & Co. KG

Part # 8640
Description  Pneumatically operated 2/2-way angle seat valve with stainless steel actuator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8640 Datasheet(HTML) 12 Page - Christian Bürkert GmbH & Co. KG

Back Button 8640 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Type 2060
12 | 25
Visit product website 
5.4. Body with clamp connection
LC
CC
Nominal diameter
(port connection)
Clamp: DIN 32676 series B
Pipe: DIN EN ISO 1127 / ISO 4200 / DIN 11866 series B
Clamp: DIN 32676 Reihe A
(DN 15 similar DIN 32676 series B)
Pipe: DIN 11850 - 2 / DIN 11866 series A
DN
LC
CC
Ø D1 C
Ø D2 C
SC
LC
CC
Ø D1 C
Ø D2 C
SC
15
156
49.0
50.5
21.3
1.6
130
49.5
34.0
19
1.5
20
150
56.5
50.5
26.9
1.6
150
57.0
34.0
23
1.5
25
160
58.0
50.5
33.7
2.0
160
58.5
50.5
29
1.5
32
200
57.5
50.5
42.4
2.0
180
58.0
50.5
35
1.5
40
200
69.0
64.0
48.3
2.0
200
69.5
50.5
41
1.5
50
230
77.5
77.5
60.3
2.6
230
78.0
64.0
53
1.5
Nominal diameter
(port connection)
Clamp: ASME BPE
Pipe: ASME BPE / DIN 11866 series C
NPS
LC
CC
Ø D1 C
Ø D2 C
SC
½
130
49.0
25.0
12.7
1.65
¾
150
56.5
25.0
19.05
1.65
1
160
58.0
50.5
25.4
1.65
1½
200
69.0
50.5
38.1
1.65
2
230
77.5
64.0
50.8
1.65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com