Electronic Components Datasheet Search
  English  ▼

X  

2935 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 2935
Description  2/2-way diaphragm valve with manually operated actuator (basic)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2935 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  2935 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Type 2933
3 | 20
Visit product website 
1.
General technical data
Product properties
Dimensions
Further information can be found in chapter “4. Dimensions” on page 6.
Material 1.)
Forged steel valve body (VS) 1.)
Forged material 1.4435 according to BN2 DIN EN 10222-5, F316L according to ASTM A182/
A182M and 316L according to ASME BPE
Tube valve body (VP) 1.)
Stainless steel tube 1.4435-BN2 / UNS S31603 (316L) according to DIN 11866, ASTM A269 /
A270, DIN EN 10217-7 / 10216-5
Cast valve body (VG) 1.)
Investment cast material 1.4435 / 316L
Diaphragm
EPDM (AD) 1.), PTFE/EPDM (EA) 1.), Advanced PTFE/EPDM (EU) 1.), laminate of GYLON® and
EPDM (ER) 1.)
Actuator (diaphragm bonnet/handwheel)
Stainless steel/PPS, PPS/PPS
Diaphragm size
8…50, for actuator PPS/PPS 15…50 (65…100 see Type 3232  and Type 3233 )
Standard surface quality 2.)
Forged steel valve body (VS) 1.)
Internally electrically polished: Ra ≤ 0.38 µm (NO17) 1.) (ASME BPE SF4/DIN HE4)
(externally forged surface electrically polished)
Internally mechanically polished: Ra ≤ 0.5 µm (NO14) 1.) (ASME BPE SF1)
(externally forged surface)
Tube valve body (VP) 1.)
Internally electrically polished: Ra ≤ 0.38 μm (NO17) 1.) (ASME BPE SF4/DIN HE4)
(externally electrically polished)
Internally glass bead blasted: Ra ≤ 1.6 μm (NO05) 1.)
(externally glass bead blasted (NO01) 1.))
Cast valve body (VG) 1.)
Internally electrically polished: Ra ≤ 0.6 µm (NO16) 1.) (ASME BPE SF6)
(externally cast surface electrically polished)
Internally mechanically polished: Ra ≤ 0.76 µm (NO06) 1.) (ASME BPE SF3/DIN H2)
(externally cast surface)
Medium data
Operating medium
Neutral gases and liquids, highly purified, sterile, aggressive or abrasive media
(see resistance chart )
Medium temperature
EPDM (AD) 1.)
- 10…+ 143 °C (steam sterilisation + 150 °C for 60 min)
PTFE/EPDM (EA) 1.)
- 10…+ 130 °C (steam sterilisation + 140 °C for 60 min)
Advanced PTFE/EPDM (EU) 1.)
- 5…+ 143 °C (steam sterilisation + 150 °C for 60 min)
Laminate of GYLON® and EPDM (ER) 1.)
- 5…+ 130 °C (steam sterilisation + 140 °C for 60 min)
Process/Port connection & communication
Nominal diameter (port connection)
DN 06…DN 65 (⅛"…2 ½")
Port connection 2.) for stainless steel valve body 3.)
Welded connection 2.)
DIN EN ISO 1127 / ISO 4200 / DIN 11866 series B
DIN 11850 - 2 / DIN 11866 series A / DIN EN 10357 series A
ASME BPE / DIN 11866 series C
Clamp connection 2.)
DIN 32676 series A (DIN pipe)
DIN 32676 series B (ISO pipe)
ASME BPE
Environment and installation
Installation position
See operating instructions Type 2933 
Ambient temperature: actuator (diaphragm bonnet/handwheel)
Stainless steel/PPS, PPS/PPS
- 10…+ 130 °C (short-term up to + 150 °C), autoclavable
1.) This information is part of the product key (see “6.3. Bürkert Product Enquiry Form” on page 20).
2.) Further versions are available on request.
3.) Tube valve body (VP) also available with flange and threaded connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com