Electronic Components Datasheet Search
  English  ▼

X  

2935 Datasheet(PDF) 10 Page - Christian Bürkert GmbH & Co. KG

Part # 2935
Description  2/2-way diaphragm valve with manually operated actuator (basic)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2935 Datasheet(HTML) 10 Page - Christian Bürkert GmbH & Co. KG

Back Button 2935 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Type 2933
10 | 20
Visit product website 
4.3. Forged steel valve body (VS) with clamp connection
Note:
• Dimensions in mm
• For further information on the discharge angle, please refer to the “Supplementary instructions Type 2xxx 3xxx” on our website
(see operating instructions Type 2933 ).
L
Diaphragm size Port connection DN
Ø D1
s
Ø D2
L
h
H
Product key 1.) Variable code 1.)
DIN 32676 series B (ISO pipe)
15
15
21.3
1.6
50.5
167
12.05
23.75
TC52
–
20
20
26.9
1.6
50.5
114
16.0
30.3
TC43
–
25
25
33.7
2
50.5
129
19
37
TC44
–
40
40
48.3
2
64.0
161
27.6
52.4
TC46
–
50
50
60.3
2
77.5
190
35.5
68.3
TC47
–
DIN 32676 series A (DIN pipe)
8
10
13
1.5
34.0
126
9.3
18.8
TD41
–
15
10
13
1.5
34.0
110
8.15
19.85
TD41
–
15
15
19
1.5
34.0
110
12.05
23.75
TD42
–
20
20
23
1.5
34.0
119
16
30.3
TD43
–
25
25
29
1.5
50.5
129
19
37
TD44
–
40
40
41
1.5
50.5
161
27.6
52.4
TD46
–
50
50
53
1.5
64.0
192
35.5
68.3
TD47
–
ASME BPE
8
¼"
6.35
0.89
25.0
64.5
5.7
15.2
TG50
–
8
⅜"
9.53
0.89
25.0
89
5.7
15.2
TG01
AF34
8
½"
12.7
1.65
25.0
64
9.3
18.8
TG02
–
8
½"
12.7
1.65
25.0
89
9.3
18.8
TG02
AF34
15
½"
12.7
1.65
25.0
89
8.15
19.85
TG02
–
15
½"
12.7
1.65
25.0
108
8.15
19.85
TG02
AF34
15
¾"
19.05
1.65
25.0
89
12.05
23.75
TG03
–
20
¾"
19.05
1.65
25.0
102
16
30.3
TG03
–
20
¾"
19.05
1.65
25.0
117
16
30.3
TG03
AF34
25
1"
25.4
1.65
50.5
114
19
37
TG04
–
25
1"
25.4
1.65
50.5
127
19
37
TG04
AF34
40
1½"
38.1
1.65
50.5
140
27.6
52.4
TG05
–
40
1½"
38.1
1.65
50.5
159
27.6
52.4
TG05
AF34
50
2"
50.8
1.65
64.0
159
35.5
68.3
TG06
–
50
2"
50.8
1.65
64.0
190
35.5
68.3
TG06
AF34
1.) This information is part of the product key (see “6.3. Bürkert Product Enquiry Form” on page 20).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com