Electronic Components Datasheet Search
  English  ▼

X  

2935 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 2935
Description  2/2-way diaphragm valve with manually operated actuator (basic)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2935 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  2935 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Visit product website 
DATA SHEET
Type 2973
2/2-way diaphragm valve
with manually operated
actuator (FullFunction)
Type 2934
T-diaphragm valve with
manually operated
actuator (basic)
Type 2935
Tank bottom diaphragm
valve with manually
operated actuator (basic)
Type 2030
Pneumatically operated
2/2-way diaphragm valve
CLASSIC with plastic
valve body
Type 2103
2/2-way diaphragm valve
with pneumatic stainless
steel actuator
(Type ELEMENT) for
decentralised automation
Type 2063
2/2-way diaphragm valve
with pneumatic actuator
in stainless steel
(Type INOX)
Type SV02
Diaphragms
Standard | EU | en | 2024 - 02 - 19 | 03
2/2-way diaphragm valve with manually operated actuator
(basic)
• Valve body and diaphragm are available in different materials and
versions
• Product wetted surfaces in Ra ≤ 0.38 µm…1.6 µm
(optionally electropolished)
• Available in all common connection sizes and variants
The Type 2933 manually operated diaphragm valve consists of a manually oper-
ated actuator, a diaphragm and a 2-way valve body. The manual actuator with
plastic handwheel is available with a diaphragm bonnet made of stainless steel or
plastic and ensures use in hygienic or aggressive ambient conditions. The flow-
optimised valve body with minimum dead space enables high flow values and a
wide range of possible applications. The valve body and the diaphragms are
available in all common materials and versions. The actuator has a compact,
autoclavable design and is compatible with all other Bürkert diaphragm valves. An
explosion-proof ATEX/IECEx device variant is available. The manual actuator is
equipped with an integrated visual position indicator, a reproducible stroke scale
and an adjustable closing limiter. The manual actuator can optionally be equipped
with sensors for position feedback.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 2933
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 2935

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2935 KR-2935 Datasheet
74Kb / 3P
71 MHz Center Frequency
logo
List of Unclassifed Man...
2935 ETC2-2935 Datasheet
249Kb / 1P
Safely control AC power from logic
logo
Christian Bürkert GmbH ...
2935 BURKERT-2935 Datasheet
785Kb / 12P
Tank bottom diaphragm valve with manually operated actuator (basic)
05.03.2024
2935 BURKERT-2935 Datasheet
786Kb / 12P
Tank bottom diaphragm valve with manually operated actuator (FullFunction)
23.01.2024
logo
Cornell Dubilier Electr...
29350B123JO0 CDE-29350B123JO0 Datasheet
3Mb / 11P
Cylindrical Case, High-Current and High-Voltage Circuits
More results

Similar Description - 2935

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
546745 FESTO-546745 Datasheet
100Kb / 2P
Basic valve
546747 FESTO-546747 Datasheet
100Kb / 2P
Basic valve
546735 FESTO-546735 Datasheet
100Kb / 2P
Basic valve
546741 FESTO-546741 Datasheet
100Kb / 2P
Basic valve
546744 FESTO-546744 Datasheet
98Kb / 2P
Basic valve
546746 FESTO-546746 Datasheet
98Kb / 2P
Basic valve
546748 FESTO-546748 Datasheet
99Kb / 2P
Basic valve
546738 FESTO-546738 Datasheet
99Kb / 2P
Basic valve
546740 FESTO-546740 Datasheet
99Kb / 2P
Basic valve
546742 FESTO-546742 Datasheet
100Kb / 2P
Basic valve
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com