Electronic Components Datasheet Search
  English  ▼

X  

2935 Datasheet(PDF) 11 Page - Christian Bürkert GmbH & Co. KG

Part # 2935
Description  2/2-way diaphragm valve with manually operated actuator (basic)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2935 Datasheet(HTML) 11 Page - Christian Bürkert GmbH & Co. KG

Back Button 2935 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Type 2933
11 | 20
Visit product website 
4.4. Tube valve body (VP) with welded connection
Note:
• Dimensions in mm
• For further information on the discharge angle, please refer to the “Supplementary instructions Type 2xxx 3xxx” on our website
(see operating instructions Type 2933 ).
L
Diaphragm size
Port connection DN
Ø D1
s
L
h
H
Product key 1.)
DIN EN ISO 1127 / ISO 4200 / DIN 11866 series B
8
8
13.5
1.6
90.0
9.85
16.6
SA40
8
10
17.2
1.6
90.0
11.70
20.3
SA41
15
15
21.3
1.6
110.0
14.35
25.0
SA42
20
20
26.9
1.6
119.0
17.15
30.45
SA43
25
25
33.7
2.0
129.0
20.55
37.4
SA44
32
32
42.4
2.0
148.0
25.10
46.3
SA45
40
40
48.3
2.0
161.0
29.35
53.5
SA46
50
50
60.3
2.0
192.0
35.35
65.50
SA47
DIN 11850 - 2 / DIN 11866 series A / DIN EN 10357 series A
8
10
13
1.5
90
9.85
16.35
SD40
15
15
19
1.5
110
13.20
22.70
SD42
15
20
23
1.5
119
15.20
26.70
SD43
20
25
29
1.5
129
18.20
32.70
SD44
25
32
35
1.5
148
21.20
38.70
SD45
32
40
41
1.5
161
24.40
44.90
SD46
40
50
53
1.5
192
31.70
58.20
SD47
ASME BPE / DIN 11866 series C
8
½"
12.7
1.65
90.0
9.45
21.95
SA92
15
¾"
19.05
1.65
117.0
13.23
25.73
SA93
20
1"
25.4
1.65
127.0
16.40
41.65
SODF
32
1½"
38.1
1.65
159.0
22.95
48.20
SODH
40
2"
50.8
1.65
190
30.60
62.60
SODI
50
2½"
63.5
1.65
192
37.35
69.1
SODJ
1.) This information is part of the product key (see “6.3. Bürkert Product Enquiry Form” on page 20).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com