Electronic Components Datasheet Search
  English  ▼

X  

2921 Datasheet(PDF) 6 Page - Christian Bürkert GmbH & Co. KG

Part # 2921
Description  Manually operated 2-way globe control valve
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2921 Datasheet(HTML) 6 Page - Christian Bürkert GmbH & Co. KG

Back Button 2921 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Type 2961
6 | 17
Visit product website 
3.
Materials
3.1. Bürkert resistApp
Bürkert resistApp – Chemical resistance chart
You want to ensure the reliability and durability of the materials in your individual application
case? Verify your combination of media and materials on our website or in our resistApp.
Start chemical resistance check
3.2. Material specifications
1
2
3
4
5
6
7
8
9
10
11
12
13
Nr.
Element
Werkstoff
1
Cover
Polyamide (PA)
2
Screw
Stainless steel 1.4301
3
Locking device
Stainless steel 1.4305
4
Handwheel
Polyphenylene sulphide (PPS)
5
Visual position
indicator with scale
Polyamide (PA)
6
Spindle seal
PTFE V-rings (filled), with spring
compensation
7
Stem
Stainless steel 1.4401 or 1.4404
8
Spindle guide
Stainless steel 1.4404 (316L),
PTFE filled
9
Housing seal
Graphite
10
Control cone
1.4571 (optionally hardened)
11
Seat seal (optional)
PTFE or PEEK
12
Valve seat with O-ring Stainless steel 1.4571, EPDM
13
Valve body
Stainless steel 316L/CF3M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com